Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMB1304 Datasheet (PDF) - Cree LED

CMB1304 Datasheet PDF - Cree LED
Part # CMB1304
Download  CMB1304 Download
File Size   1557.96 Kbytes
Page   31 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description XLamp® CMB1304 LED

CMB1304 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMB1304 Datasheet PDF - Cree LED

Part # CMB1304
Download  CMB1304 Click to download

File Size   1557.96 Kbytes
Page   31 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description XLamp® CMB1304 LED

CMB1304 Datasheet (HTML) - Cree LED


CMB1304 Product details

FEATURES
• 6‑mm optical source
• Mechanical and optical design consistent with CXA13 and
CXB13 LEDs
• EasyWhite® 2-, 3- and 5‑step binning
• Premium Color 2- and 3-step binning
• Standard & Premium Color LEDs available in 70, 80, 90 and 95
CRI minimum options
• Forward voltage options: 9‑V class, 18‑V class & 36‑V class
• 85 °C binning and characterization
• Maximum drive current: 1200 mA (9 V), 600 mA (18 V),
300 mA (36 V)
• 115° viewing angle, uniform chromaticity profile
• Top-side solder connections




Similar Part No. - CMB1304

ManufacturerPart #DatasheetDescription
logo
Cree LED
CMB1304 CREELED-CMB1304 Datasheet
1Mb / 26P
XLamp® CMB1304 Pro9™ LED
REV 1
CMB1304-0000-00PC0U0A27G CREELED-CMB1304-0000-00PC0U0A27G Datasheet
1Mb / 26P
XLamp® CMB1304 Pro9™ LED
REV 1
CMB1304-0000-00PC0U0A27H CREELED-CMB1304-0000-00PC0U0A27H Datasheet
1Mb / 26P
XLamp® CMB1304 Pro9™ LED
REV 1
CMB1304-0000-00PC0U0A30G CREELED-CMB1304-0000-00PC0U0A30G Datasheet
1Mb / 26P
XLamp® CMB1304 Pro9™ LED
REV 1
CMB1304-0000-00PC0U0A30H CREELED-CMB1304-0000-00PC0U0A30H Datasheet
1Mb / 26P
XLamp® CMB1304 Pro9™ LED
REV 1
More results


Similar Description - CMB1304

ManufacturerPart #DatasheetDescription
logo
Cree LED
CHA0825 CREELED-CHA0825 Datasheet
1Mb / 20P
XLamp® CHA0825 LED
REV 0
CMA1303 CREELED-CMA1303 Datasheet
3Mb / 30P
XLamp® CMA1303 LED
REV 2
CMB1306 CREELED-CMB1306 Datasheet
1Mb / 26P
XLamp® CMB1306 LED
REV 0
CMB1507 CREELED-CMB1507 Datasheet
1Mb / 26P
XLamp® CMB1507 LED
REV 0
CMB1818 CREELED-CMB1818 Datasheet
1Mb / 20P
XLamp® CMB1818 LED
REV 0
CMB3090 CREELED-CMB3090 Datasheet
1Mb / 25P
XLamp® CMB3090 LED
REV 0
CXB1304 CREELED-CXB1304 Datasheet
3Mb / 34P
XLamp® CXB1304 LED
REV 9A
CXB1512 CREELED-CXB1512 Datasheet
2Mb / 27P
XLamp® CXB1512 LED
REV 9A
CXB3070 CREELED-CXB3070 Datasheet
2Mb / 14P
XLamp® CXB3070 LED
REV 7A
CMB1304-PRO9 CREELED-CMB1304-PRO9 Datasheet
1Mb / 26P
XLamp® CMB1304 Pro9™ LED
REV 1
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com