Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA25 Datasheet (PDF) - Tyco Electronics

CA25 Datasheet PDF - Tyco Electronics
Part # CA25
Download  CA25 Download
File Size   355.5 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 1500 MHz

CA25 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA25 Datasheet PDF - Tyco Electronics

Part # CA25
Download  CA25 Click to download

File Size   355.5 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 1500 MHz

CA25 Datasheet (HTML) - Tyco Electronics


CA25 Product details

Description
The A25 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.

Features
• MEDIUM OUTPUT LEVEL: +9 dBm (TYP.)
• WIDE POWER SUPPLY RANGE: +8 TO +15 VOLTS




Similar Part No. - CA25

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA25-1 MACOM-CA25-1 Datasheet
364Kb / 2P
Cascadable Amplifier 2 to 1500 MHz
logo
M/A-COM Technology Solu...
CA25-1 MA-COM-CA25-1 Datasheet
1Mb / 2P
Cascadable Amplifier 2 to 1500 MHz
CA25-1 MA-COM-CA25-1 Datasheet
637Kb / 3P
Cascadable Amplifier
logo
Kingbright Corporation
CA25-11EWA KINGBRIGHT-CA25-11EWA Datasheet
506Kb / 5P
6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAYS
CA25-11EWA KINGBRIGHT-CA25-11EWA Datasheet
160Kb / 4P
6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAY
More results


Similar Description - CA25

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A24 MACOM-A24 Datasheet
85Kb / 1P
5 TO 1500 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC1582 ETC-AC1582 Datasheet
80Kb / 1P
5 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A24 MACOM-A24_1 Datasheet
359Kb / 2P
Cascadable Amplifier 5 to 1500 MHz
A26 MACOM-A26_1 Datasheet
367Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
SMA24 MA-COM-SMA24 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1500 MHz
SMA25 MA-COM-SMA25 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1500 MHz
A25 MA-COM-A25 Datasheet
611Kb / 3P
Cascadable Amplifier 5 to 1500 MHz
logo
Teledyne Technologies I...
UTOUTC1501 TELEDYNE-UTOUTC1501 Datasheet
178Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1500 MHz
UTOUTC1511 TELEDYNE-UTOUTC1511 Datasheet
182Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1500 MHz
UTOUTC1522 TELEDYNE-UTOUTC1522 Datasheet
182Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com