Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC30D Datasheet (PDF) - NXP Semiconductors

74AHC30D Datasheet PDF - NXP Semiconductors
Part # 74AHC30D
Download  74AHC30D Download
File Size   75.26 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-input NAND gate

74AHC30D Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC30D Datasheet PDF - NXP Semiconductors

Part # 74AHC30D
Download  74AHC30D Click to download

File Size   75.26 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-input NAND gate

74AHC30D Datasheet (HTML) - NXP Semiconductors


74AHC30D Product details

DESCRIPTION

The 74AHC/AHCT30 are high-speed Si-gate CMOS devices and are pin compatible with Low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A.

The 74AHC/AHCT30 provide the 8-input NAND function.



FEATURES

• ESD protection:

   HBM EIA/JESD22-A114-A exceeds 2000 V

   MM EIA/JESD22-A115-A exceeds 200 V

   CDM EIA/JESD22-C101 exceeds 1000 V

• Balanced propagation delays

• Inputs accept voltages higher than VCC

• For AHC only: operates with CMOS input levels

• For AHCT only: operates with TTL input levels

• Output capability: standard

• ICC category: SSI

• Specified from −40 to +85 °C and −40 to +125 °C.



 




Similar Part No. - 74AHC30D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC30D NXP-74AHC30D Datasheet
94Kb / 14P
8-input NAND gate
Rev. 03-26 June 2009
logo
Nexperia B.V. All right...
74AHC30D NEXPERIA-74AHC30D Datasheet
255Kb / 16P
8-input NAND gate
Rev. 5 - 6 May 2020
74AHC30D-Q100 NEXPERIA-74AHC30D-Q100 Datasheet
704Kb / 15P
Automotive product qualification in accordance with AEC-Q100
More results


Similar Description - 74AHC30D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
8 INPUT NAND GATE
Feb-1993
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
8 INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC74HC30AP TOSHIBA-TC74HC30AP Datasheet
229Kb / 6P
8-INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
8-Input NAND Gate
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
8 Input NAND Gate
DM74LS30 FAIRCHILD-DM74LS30 Datasheet
45Kb / 4P
8-Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
8-input NAND Gate
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
8-Input NAND Gate
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
8-Input NAND Gate
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com