Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF2519SF Datasheet (PDF) - Cvilux Corporation

CF2519SF Datasheet PDF - Cvilux Corporation
Part # CF2519SF
Download  CF2519SF Download
File Size   201.43 Kbytes
Page   2 Pages
Manufacturer  CVILUX [Cvilux Corporation]
Direct Link  https://www.cvilux.com/
Logo CVILUX - Cvilux Corporation
Description 1.00mm(.039) ZIF FFC/FPC ONE-TOUCH CONNECTOR

CF2519SF Datasheet (PDF)

Go To PDF Page Download Datasheet
CF2519SF Datasheet PDF - Cvilux Corporation

Part # CF2519SF
Download  CF2519SF Click to download

File Size   201.43 Kbytes
Page   2 Pages
Manufacturer  CVILUX [Cvilux Corporation]
Direct Link  https://www.cvilux.com/
Logo CVILUX - Cvilux Corporation
Description 1.00mm(.039) ZIF FFC/FPC ONE-TOUCH CONNECTOR

CF2519SF Datasheet (HTML) - Cvilux Corporation




Similar Part No. - CF2519SF

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF25103GTR MERITEK-CF25103GTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF25103KTR MERITEK-CF25103KTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Schneider Electric
CF2510G10ST SCHNEIDER-CF2510G10ST Datasheet
78Kb / 2P
BUSWAY STRAIGHT LENGTH 10FT 1000A INDOOR
Jun 3, 2020
CF2510G18ST SCHNEIDER-CF2510G18ST Datasheet
63Kb / 2P
BUSWAY STRAIGHT LENGTH 1000A, INDOOR
Jun 3, 2020
More results


Similar Description - CF2519SF

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0358022439 MOLEX5-0358022439 Datasheet
148Kb / 3P
1.00mm (.039") Pitch FFC/FPC Connector, Vertical, Non-ZIF, Yes, 24 Circuits
0358021229 MOLEX5-0358021229 Datasheet
323Kb / 4P
1.00mm (.039") Pitch FFC/FPC Connector, Vertical, Non-ZIF, Yes, 12 Circuits
0520300529 MOLEX7-0520300529 Datasheet
137Kb / 2P
1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF Receptacle, 5Circuits, Lead-free
0526102071 MOLEX7-0526102071 Datasheet
514Kb / 9P
1.00mm (.039") Pitch FFC/FPC Connector, SMT, Vertical, ZIF Receptacle, 20 Circuits,
0520302929 MOLEX7-0520302929 Datasheet
137Kb / 2P
1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF Receptacle, 29Circuits, Lead-free
logo
Cvilux Corporation
CF31XX1D0XX-05-NH CVILUX-CF31XX1D0XX-05-NH Datasheet
780Kb / 3P
0.50mm(,0207) ZIF FFC/FPC ONE-TOUCH CONNECTOR
22.02.17
CF35XXXD0RD-NH CVILUX-CF35XXXD0RD-NH Datasheet
232Kb / 3P
0.50mm(.020") ZIF FFC/FPC ONE-TOUCH CONNECTOR (Enhanced version)
20.10.23
CF35XXXD0RE-NH CVILUX-CF35XXXD0RE-NH Datasheet
718Kb / 3P
0.50mm(.020”) ZIF FFC/FPC ONE-TOUCH CONNECTOR (Enhanced version)
20.05.28
CF50XXXD0XX-10-NH CVILUX-CF50XXXD0XX-10-NH Datasheet
785Kb / 3P
1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
CF61XXXD0XX-10-NH CVILUX-CF61XXXD0XX-10-NH Datasheet
246Kb / 3P
1.00mm(,039") ZF FFC/FPC ONE-TOUCH CONNECTOR
21.01.14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com