Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99L Datasheet (PDF) - Diotec Semiconductor

BAV99L Datasheet PDF - Diotec Semiconductor
Part # BAV99L
Download  BAV99L Download
File Size   645.09 Kbytes
Page   3 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Diode Array 1 Pair Series Connection 75 V 215mA Surface Mount TO-236-3, SC-59, SOT-23-3

BAV99L Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV99L Datasheet PDF - Diotec Semiconductor

Part # BAV99L
Download  BAV99L Click to download

File Size   645.09 Kbytes
Page   3 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Diode Array 1 Pair Series Connection 75 V 215mA Surface Mount TO-236-3, SC-59, SOT-23-3

BAV99L Datasheet (HTML) - Diotec Semiconductor


BAV99L Product details

Features
BAV199: Extremely low leakage
BAV99: Very high switching speed
BAV99L: Reverse voltage 100 V
Compliant to RoHS (w/o exemp.),
REACH, Conflict Minerals 1)




Similar Part No. - BAV99L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAV99L ONSEMI-BAV99L Datasheet
76Kb / 4P
Monolithic Dual Switching Diode
September, 2004 ??Rev. 3
logo
Taiwan Semiconductor Co...
BAV99L TSC-BAV99L Datasheet
227Kb / 4P
225mW SMD Switching Diode
logo
ON Semiconductor
BAV99L ONSEMI-BAV99L Datasheet
80Kb / 3P
Dual Series Switching Diode
October, 2016 ??Rev. 12
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
logo
Unisonic Technologies
BAV99L-AE3-R UTC-BAV99L-AE3-R Datasheet
98Kb / 4P
HIGH CONDUCTANCE ULTRA FAST DIODE
More results


Similar Description - BAV99L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMBZ5221B RECTRON-CMBZ5221B Datasheet
21Kb / 2P
5% SOT-23 SURFACE MOUNT ZENER DIODE
logo
Agilent(Hewlett-Packard...
HSMP-381B HP-HSMP-381B Datasheet
91Kb / 12P
Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
logo
RICOH electronics devic...
SOT-23-6 RICOH-SOT-23-6 Datasheet
496Kb / 2P
SOT-23-6 (SC-74)
logo
SeCoS Halbleitertechnol...
SCS202ND SECOS-SCS202ND Datasheet
700Kb / 2P
VOLTAGE 80 V 0.1A SC-59 Types Surface Mount Switching Diode
logo
Rectron Semiconductor
BAS70 RECTRON-BAS70 Datasheet
154Kb / 3P
SOT-23 SURFACE MOUNT SCHOTTKY DIODE
logo
Guilin Strong Micro-Ele...
BZX84C3V0-C47 GSME-BZX84C3V0-C47 Datasheet
247Kb / 3P
SOT-23 SURFACE MOUNT ZENER DIODE
BZX84C GSME-BZX84C Datasheet
247Kb / 3P
SOT-23 SURFACE MOUNT ZENER DIODE
logo
Linear Technology
LTC6268 LINER-LTC6268 Datasheet
1Mb / 6P
3-Channel SOT-23 Transimpedance Amplifier
logo
SHIKUES Electronics
SK2300A SKTECHNOLGY-SK2300A Datasheet
934Kb / 4P
SC-59 for Surface Mount Package
SK2301A SKTECHNOLGY-SK2301A Datasheet
750Kb / 3P
SC-59 for Surface Mount Package
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com