Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A611 Datasheet (PDF) - Tyco Electronics

A611 Datasheet PDF - Tyco Electronics
Part # A611
Download  A611 Download
File Size   375.37 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 700 MHz

A611 Datasheet (PDF)

Go To PDF Page Download Datasheet
A611 Datasheet PDF - Tyco Electronics

Part # A611
Download  A611 Click to download

File Size   375.37 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 700 MHz

A611 Datasheet (HTML) - Tyco Electronics


A611 Product details

Description
The A611 RF amplifier is a discrete thin film hybrid design, which incorporates the use of thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network is used for temperature-stable performance, in addition to an RF Choke, used for power supply decoupling.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• LOW NOISE FIGURE: 3.2 dB (TYP.)
• HIGH EFFICIENCY: 31 mA (TYP.) at +5 Vdc
• HIGH OUTPUT POWER: +12.5 dBm (TYP.)




Similar Part No. - A611

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A611 MA-COM-A611 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 700 MHz
A611 MA-COM-A611 Datasheet
641Kb / 3P
Cascadable Amplifier 5 to 700 MHz
A611-SMA611 MA-COM-A611-SMA611 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
AiT Semiconductor Inc.
A6110 AITSEMI-A6110 Datasheet
557Kb / 13P
LOW DROPOUT VOLTAGE REGULATOR 1A HIGH PSRR CMOS,LINEAR REGULATOR
REV1.7
A6110A AITSEMI-A6110A Datasheet
777Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 1A CMOS LOW NOISE WITH ENABLE PIN
REV1.2
More results


Similar Description - A611

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A21-1 MACOM-A21-1 Datasheet
107Kb / 1P
5 TO 1200 MHz CASCADABLE AMPLIFIER
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
A59-1 MACOM-A59-1 Datasheet
369Kb / 2P
Cascadable Amplifier 10 to 700 MHz
logo
M/A-COM Technology Solu...
A59-1 MA-COM-A59-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 700 MHz
A611 MA-COM-A611 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 700 MHz
A611 MA-COM-A611_15 Datasheet
641Kb / 3P
Cascadable Amplifier 5 to 700 MHz
logo
Teledyne Technologies I...
AC718 TELEDYNE-AC718 Datasheet
173Kb / 2P
100 TO 700 MHz TO-8 CASCADABLE AMPLIFIER
AC751 TELEDYNE-AC751 Datasheet
174Kb / 2P
200 TO 700 MHz TO-8 CASCADABLE AMPLIFIER
AP719 TELEDYNE-AP719 Datasheet
175Kb / 2P
10 TO 700 MHz TO-8 CASCADABLE AMPLIFIER
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com