Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3010 Datasheet (PDF) - Tyco Electronics

A3010 Datasheet PDF - Tyco Electronics
Part # A3010
Download  A3010 Download
File Size   398.06 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 10 to 2500 MHz

A3010 Datasheet (PDF)

Go To PDF Page Download Datasheet
A3010 Datasheet PDF - Tyco Electronics

Part # A3010
Download  A3010 Click to download

File Size   398.06 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 10 to 2500 MHz

A3010 Datasheet (HTML) - Tyco Electronics


A3010 Product details

Description

The A3010 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability. This single stage GaAs FET feedback amplifier design displays impressive performance characteristics over a broadband frequency range. An RF choke is used for DC power supply decoupling.

A voltage sequencing circuit can be used to ensure the negative voltage (-5.2 Vdc) is turned on first and turned off last during normal operation. Reference the application circuit on page 2.

The TO-8 package is hermetically sealed, and MIL-STD-883 environmental screening is available.



Features

• GAIN: 9.5 dB (TYP.)

• DC COUPLING REQUIRED*

• +/- 1 dB GAIN FLATNESS

• HIGH DRIVER OUTPUT LEVEL: +18 dBm

• INPUT/OUTPUT MATCH: < 2.0:1 (TYP.)



 




Similar Part No. - A3010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A3010 MACOM-A3010 Datasheet
374Kb / 2P
Cascadable Amplifier 10 to 2500 MHz
logo
M/A-COM Technology Solu...
A3010 MA-COM-A3010 Datasheet
1Mb / 2P
Cascadable Amplifier 10 kHz to 2500 MHz
A3010 MA-COM-A3010 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
United Automation Ltd. ...
A30102 UNITEDAUTOMATION-A30102 Datasheet
347Kb / 2P
110V, 230V, 415V Three Phase Thyristor Driver
1 July 2025
A30102 UNITEDAUTOMATION-A30102 Datasheet
441Kb / 2P
110V, 230V, 400V High Power Three Phase Thyristor Driver
1 July 2025
More results


Similar Description - A3010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A3010 MACOM-A3010_1 Datasheet
374Kb / 2P
Cascadable Amplifier 10 to 2500 MHz
logo
M/A-COM Technology Solu...
A3010 MA-COM-A3010 Datasheet
1Mb / 2P
Cascadable Amplifier 10 kHz to 2500 MHz
logo
Teledyne Technologies I...
AC2546 TELEDYNE-AC2546 Datasheet
163Kb / 2P
10 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2554 TELEDYNE-AC2554 Datasheet
131Kb / 1P
1000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2556 TELEDYNE-AC2556 Datasheet
131Kb / 1P
2000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2564 TELEDYNE-AC2564 Datasheet
159Kb / 2P
100 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2566 TELEDYNE-AC2566 Datasheet
179Kb / 2P
200 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2577 TELEDYNE-AC2577 Datasheet
174Kb / 2P
10 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2578 TELEDYNE-AC2578 Datasheet
172Kb / 2P
10 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2586 TELEDYNE-AC2586 Datasheet
131Kb / 1P
2000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com