Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS32 Datasheet (PDF) - Sensirion AG Switzerland

STS32 Datasheet PDF - Sensirion AG Switzerland
Part # STS32
Download  STS32 Download
File Size   943.84 Kbytes
Page   24 Pages
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland
Description 3th Generation, High-Reliability, Certified Digital Temperature Sensor

STS32 Datasheet (PDF)

Go To PDF Page Download Datasheet
STS32 Datasheet PDF - Sensirion AG Switzerland

Part # STS32
Download  STS32 Click to download

File Size   943.84 Kbytes
Page   24 Pages
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland
Description 3th Generation, High-Reliability, Certified Digital Temperature Sensor

STS32 Datasheet (HTML) - Sensirion AG Switzerland


STS32 Product details

Features
• Accuracy ±0.4 °C
• VDD = 2.15 V … 5.5 V
• Low drift, <0.01 °C per year
• Sensor-specific calibration certificate acc. to
ISO 17025:2017, 3-point temp. calibration
• Operating range: −40…125 °C
• True NIST-traceability, unique serial number
• JEDEC JESD47 qualification
• I2C FM, CRC checksum, multip. I2C addr.
• Tiny 8-pin DFN package with ALERT pin




Similar Part No. - STS32

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
STS321080B100 TECHPUBLIC-STS321080B100 Datasheet
1Mb / 4P
I-Line Low Capacitance Bi-directional TVS Diode
More results


Similar Description - STS32

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT30TS75A ATMEL-AT30TS75A_14 Datasheet
1Mb / 37P
Digital Temperature Sensor
AT30TS74 ATMEL-AT30TS74_14 Datasheet
1Mb / 41P
Digital Temperature Sensor
logo
Seiko Instruments Inc
S5852A SII-S5852A Datasheet
805Kb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
TE Connectivity Ltd
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
Digital Temperature Sensor
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
TE Connectivity Ltd
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
Digital Temperature Sensor
logo
ams AG
AS6200C AMSCO-AS6200C Datasheet
1Mb / 35P
Digital Temperature Sensor
logo
TE Connectivity Ltd
TSD305-1C55 TEC-TSD305-1C55 Datasheet
354Kb / 12P
DIGITAL TEMPERATURE SENSOR
logo
Sensirion AG Switzerlan...
SHT33-DIS SENSIRION-SHT33-DIS Datasheet
853Kb / 26P
3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
Version 1 - December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com