Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C6360-12 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE3C6360-12 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE3C6360-12
Download  PE3C6360-12 Download
File Size   751.35 Kbytes
Page   5 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Fire Rated N Male to N Male Low PIM Cable 150 cm Length Using SPF-250 Coax Using Times Microwave Parts

PE3C6360-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE3C6360-12 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE3C6360-12
Download  PE3C6360-12 Click to download

File Size   751.35 Kbytes
Page   5 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Fire Rated N Male to N Male Low PIM Cable 150 cm Length Using SPF-250 Coax Using Times Microwave Parts

PE3C6360-12 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE3C6360-12 Product details

Features
• Max Frequency 5.8 GHz
• Low PIM: -160 dBc Max
• 83% Phase Velocity
• FRPE Jacket
• 500 Mating Cycles
• 100% Tested with PIM Test Results Marked on Cable
• Lightweight and Extremely Flexible
• Low Loss with Excellent VSWR
• IP67 (when mated)
• Using Times Microwave Components

Applications
• General Purpose
• Laboratory Use
• Low PIM Applications
• Distributed Antenna Systems(DAS)
• Multi-Carrier Communication Systems
• PIM Testing




Similar Part No. - PE3C6360-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C6357 PASTERNACK-PE3C6357 Datasheet
735Kb / 5P
Fire Rated 7/16 DIN Male to N Male Low PIM Cable 36 Inch Length Using SPF-250 Coax Using Times Microwave Parts
REV 1.2
PE3C6357-100CM PASTERNACK-PE3C6357-100CM Datasheet
735Kb / 5P
Fire Rated 7/16 DIN Male to N Male Low PIM Cable 36 Inch Length Using SPF-250 Coax Using Times Microwave Parts
REV 1.2
PE3C6357-12 PASTERNACK-PE3C6357-12 Datasheet
735Kb / 5P
Fire Rated 7/16 DIN Male to N Male Low PIM Cable 36 Inch Length Using SPF-250 Coax Using Times Microwave Parts
REV 1.2
PE3C6357-36 PASTERNACK-PE3C6357-36 Datasheet
735Kb / 5P
Fire Rated 7/16 DIN Male to N Male Low PIM Cable 36 Inch Length Using SPF-250 Coax Using Times Microwave Parts
REV 1.2
PE3C6374 PASTERNACK-PE3C6374 Datasheet
853Kb / 6P
Fire Rated N Male to N Male Low PIM Cable 200 cm Length Using SPF-500 Coax Using Times Microwave Parts
REV 1.1
More results


Similar Description - PE3C6360-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4137-100CM PASTERNACK-PE3C4137-100CM Datasheet
503Kb / 6P
Plenum N Male to N Male Low PIM Cable 100 CM Length Using SPP-250-LLPL Coax, RoHS
PE3C4137-200CM PASTERNACK-PE3C4137-200CM Datasheet
503Kb / 6P
Plenum N Male to N Male Low PIM Cable 200 CM Length Using SPP-250-LLPL Coax, RoHS
PE3C4138-200CM PASTERNACK-PE3C4138-200CM Datasheet
505Kb / 6P
Plenum N Female to N Male Low PIM Cable 200 CM Length Using SPP-250-LLPL Coax, RoHS
PE3C4139-100CM PASTERNACK-PE3C4139-100CM Datasheet
504Kb / 6P
Plenum N Male Right Angle to N Male Low PIM Cable 100 CM Length Using SPP-250-LLPL Coax, RoHS
PE3C4139-200CM PASTERNACK-PE3C4139-200CM Datasheet
504Kb / 6P
Plenum N Male Right Angle to N Male Low PIM Cable 200 CM Length Using SPP-250-LLPL Coax, RoHS
PE3C6357-36 PASTERNACK-PE3C6357-36 Datasheet
735Kb / 5P
Fire Rated 7/16 DIN Male to N Male Low PIM Cable 36 Inch Length Using SPF-250 Coax Using Times Microwave Parts
REV 1.2
PE3C6374-200CM PASTERNACK-PE3C6374-200CM Datasheet
853Kb / 6P
Fire Rated N Male to N Male Low PIM Cable 200 cm Length Using SPF-500 Coax Using Times Microwave Parts
REV 1.1
PE3C7966-12 PASTERNACK-PE3C7966-12 Datasheet
724Kb / 5P
N Male to N Male Low PIM Cable 12 Inch Length Using TFT-402 Coax Using Times Microwave Components
REV 1.1
PE3C7966-60 PASTERNACK-PE3C7966-60 Datasheet
725Kb / 5P
N Male to N Male Low PIM Cable 60 Inch Length Using TFT-402 Coax Using Times Microwave Components
REV 1.1
PE3C7967-50CM PASTERNACK-PE3C7967-50CM Datasheet
725Kb / 5P
N Male to N Male Right Angle Low PIM Cable 50 CM Length Using TFT-402 Coax Using Times Microwave Components
REV 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com