Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABA-53563 Datasheet (PDF) - Agilent(Hewlett-Packard)

ABA-53563 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ABA-53563
Download  ABA-53563 Download
File Size   108.34 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 3.5 GHz Broadband Silicon RFIC Amplifier

ABA-53563 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABA-53563 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ABA-53563
Download  ABA-53563 Click to download

File Size   108.34 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 3.5 GHz Broadband Silicon RFIC Amplifier

ABA-53563 Datasheet (HTML) - Agilent(Hewlett-Packard)


ABA-53563 Product details

Description
Agilent’s ABA-53563 is an economical, easy-to-use, internally 50-ohm matched silicon monolithic amplifier that offers excellent gain and flat broadband response from DC to 3.5 GHz. Packaged in an ultraminiature industry-standard SOT-363 package, it requires half the board space of a SOT-143 package.

Features
• Operating frequency: DC ~ 3.5 GHz
• 21.5 dB gain
• VSWR < 2.0 throughout operating frequency
• 12.7 dBm output P1dB
• 3.5 dB noise figure
• Unconditionally stable
• Single 5V supply (Id = 46 mA)

Applications
• Amplifier for cellular, cordless, special mobile radio, PCS, ISM, wireless LAN, DBS, TVRO, and TV tuner applications




Similar Part No. - ABA-53563

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ABA-53563 AVAGO-ABA-53563 Datasheet
98Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier 3.5 dB noise figure
logo
Broadcom Corporation.
ABA-53563 BOARDCOM-ABA-53563 Datasheet
98Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-53563-BLK AVAGO-ABA-53563-BLK Datasheet
98Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier 3.5 dB noise figure
logo
Broadcom Corporation.
ABA-53563-BLK BOARDCOM-ABA-53563-BLK Datasheet
98Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-53563-BLKG AVAGO-ABA-53563-BLKG Datasheet
98Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier 3.5 dB noise figure
More results


Similar Description - ABA-53563

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ABA-31563 HP-ABA-31563 Datasheet
103Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier
ABA-51563 HP-ABA-51563 Datasheet
103Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier
ABA-52563 HP-ABA-52563 Datasheet
96Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-31563 AVAGO-ABA-31563 Datasheet
305Kb / 7P
3.5 GHz Broadband Silicon RFIC Amplifier
ABA-51563 AVAGO-ABA-51563 Datasheet
366Kb / 7P
3.5 GHz Broadband Silicon RFIC Amplifier
ABA-52563 AVAGO-ABA-52563 Datasheet
768Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-53563 BOARDCOM-ABA-53563 Datasheet
98Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier
ABA-51563 BOARDCOM-ABA-51563 Datasheet
108Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier
ABA-31563 BOARDCOM-ABA-31563 Datasheet
305Kb / 7P
3.5 GHz Broadband Silicon RFIC Amplifier
ABA-52563 BOARDCOM-ABA-52563 Datasheet
768Kb / 8P
3.5 GHz Broadband Silicon RFIC Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com