Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C7830 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE3C7830 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE3C7830
Download  PE3C7830 Download
File Size   635.29 Kbytes
Page   5 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 4.3-10 Male to 4.3-10 Female 4 Hole Flange Cable 50 Cm Length Using 1/4 inch Superflexible Coax

PE3C7830 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE3C7830 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE3C7830
Download  PE3C7830 Click to download

File Size   635.29 Kbytes
Page   5 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 4.3-10 Male to 4.3-10 Female 4 Hole Flange Cable 50 Cm Length Using 1/4 inch Superflexible Coax

PE3C7830 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE3C7830 Product details

Features
• Max Frequency 6 GHz
• Low PIM: -150 dBc Max
• Shielding Effectivity > 120 dB
• 82% Phase Velocity
• PE Jacket
• Low PIM and Low Loss
• 100% Tested with PIM Test Results Marked on Cable

Applications
• General Purpose
• Laboratory Use
• Distributed Antenna Systems(DAS)
• Low PIM Applications and PIM Testing




Similar Part No. - PE3C7830

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C7834 PASTERNACK-PE3C7834 Datasheet
647Kb / 5P
4.3-10 Male Right Angle to 4.3-10 Female 4 Hole Flange Low PIM Cable 24 Inch Length Using 1/4 inch Superflexible Coax
REV 1.1
PE3C7834-100CM PASTERNACK-PE3C7834-100CM Datasheet
647Kb / 5P
4.3-10 Male Right Angle to 4.3-10 Female 4 Hole Flange Low PIM Cable 24 Inch Length Using 1/4 inch Superflexible Coax
REV 1.1
PE3C7834-12 PASTERNACK-PE3C7834-12 Datasheet
647Kb / 5P
4.3-10 Male Right Angle to 4.3-10 Female 4 Hole Flange Low PIM Cable 24 Inch Length Using 1/4 inch Superflexible Coax
REV 1.1
PE3C7834-24 PASTERNACK-PE3C7834-24 Datasheet
647Kb / 5P
4.3-10 Male Right Angle to 4.3-10 Female 4 Hole Flange Low PIM Cable 24 Inch Length Using 1/4 inch Superflexible Coax
REV 1.1
More results


Similar Description - PE3C7830

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
SLJ14SP-64H64H-X-00 ROSENBERGER-SLJ14SP-64H64H-X-00 Datasheet
80Kb / 2P
1/4??JUMPER 4.3-10 MALE / 4.3-10 MALE
logo
Pasternack Enterprises,...
PE3C4142-100CM PASTERNACK-PE3C4142-100CM Datasheet
514Kb / 6P
Plenum 4.3-10 Male to 4.3-10 Male Low PIM Cable 100 CM Length Using SPP-250-LLPL Coax, RoHS
PE3C4142-200CM PASTERNACK-PE3C4142-200CM Datasheet
514Kb / 6P
Plenum 4.3-10 Male to 4.3-10 Male Low PIM Cable 200 CM Length Using SPP-250-LLPL Coax, RoHS
PE3C4147-100CM PASTERNACK-PE3C4147-100CM Datasheet
505Kb / 6P
Plenum 4.3-10 Male Right Angle to 4.3-10 Male Low PIM Cable 100 CM Length Using SPP-250-LLPL Coax, RoHS
PE3C4147-200CM PASTERNACK-PE3C4147-200CM Datasheet
505Kb / 6P
Plenum 4.3-10 Male Right Angle to 4.3-10 Male Low PIM Cable 200 CM Length Using SPP-250-LLPL Coax, RoHS
PE3C5833 PASTERNACK-PE3C5833 Datasheet
522Kb / 6P
Plenum 4.3-10 Male to 4.3-10 Female Low PIM Cable
PE3C7826-24 PASTERNACK-PE3C7826-24 Datasheet
617Kb / 5P
4.3-10 Male to 4.3-10 Male Cable 24 Inch Length Using 1/4 inch Superflexible Coax
REV 1.0
PE3C7828-24 PASTERNACK-PE3C7828-24 Datasheet
620Kb / 5P
4.3-10 Male to 4.3-10 Female Cable 24 Inch Length Using 1/4 inch Superflexible Coax
REV 1.0
PE3C7834-24 PASTERNACK-PE3C7834-24 Datasheet
647Kb / 5P
4.3-10 Male Right Angle to 4.3-10 Female 4 Hole Flange Low PIM Cable 24 Inch Length Using 1/4 inch Superflexible Coax
REV 1.1
PE3C7842-200CM PASTERNACK-PE3C7842-200CM Datasheet
654Kb / 5P
N Male to N Male Cable 200 Cm Length Using 1/4 inch Superflexible Coax
REV 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com