Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C7842 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE3C7842 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE3C7842
Download  PE3C7842 Download
File Size   654.25 Kbytes
Page   5 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N Male to N Male Cable 200 Cm Length Using 1/4 inch Superflexible Coax

PE3C7842 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE3C7842 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE3C7842
Download  PE3C7842 Click to download

File Size   654.25 Kbytes
Page   5 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N Male to N Male Cable 200 Cm Length Using 1/4 inch Superflexible Coax

PE3C7842 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE3C7842 Product details

Features
• Max Frequency 6 GHz
• Low PIM: -150 dBc Max
• Shielding Effectivity > 120 dB
• 82% Phase Velocity
• PE Jacket
• Low PIM and Low Loss
• 100% Tested with PIM Test Results Marked on Cable

Applications
• General Purpose
• Laboratory Use
• Distributed Antenna Systems(DAS)
• Low PIM Applications and PIM Testing




Similar Part No. - PE3C7842

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C7826 PASTERNACK-PE3C7826 Datasheet
617Kb / 5P
4.3-10 Male to 4.3-10 Male Cable 24 Inch Length Using 1/4 inch Superflexible Coax
REV 1.0
PE3C7826-100CM PASTERNACK-PE3C7826-100CM Datasheet
617Kb / 5P
4.3-10 Male to 4.3-10 Male Cable 24 Inch Length Using 1/4 inch Superflexible Coax
REV 1.0
PE3C7826-12 PASTERNACK-PE3C7826-12 Datasheet
617Kb / 5P
4.3-10 Male to 4.3-10 Male Cable 24 Inch Length Using 1/4 inch Superflexible Coax
REV 1.0
PE3C7826-24 PASTERNACK-PE3C7826-24 Datasheet
617Kb / 5P
4.3-10 Male to 4.3-10 Male Cable 24 Inch Length Using 1/4 inch Superflexible Coax
REV 1.0
PE3C7828 PASTERNACK-PE3C7828 Datasheet
620Kb / 5P
4.3-10 Male to 4.3-10 Female Cable 24 Inch Length Using 1/4 inch Superflexible Coax
REV 1.0
More results


Similar Description - PE3C7842

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE37968-36 PASTERNACK-PE37968-36 Datasheet
414Kb / 5P
N Male to N Male Low PIM Cable 36 Inch Length Using 1/2 inch Superflexible Coax
PE3C0124 PASTERNACK-PE3C0124 Datasheet
436Kb / 4P
N Male to N Male Cable Using 1/4 inch Superflexible Coax
PE3C0124-12 PASTERNACK-PE3C0124-12 Datasheet
437Kb / 4P
N Male to N Male Cable 12 Inch LengthUsing 1/4 inch Superflexible Coax
PE3C0124-24 PASTERNACK-PE3C0124-24 Datasheet
437Kb / 4P
N Male to N Male Cable 24 Inch LengthUsing 1/4 inch Superflexible Coax
PE3C0124-36 PASTERNACK-PE3C0124-36 Datasheet
438Kb / 4P
N Male to N Male Cable 36 Inch Length Using 1/4 inch Superflexible Coax
PE3C0124-48 PASTERNACK-PE3C0124-48 Datasheet
437Kb / 4P
N Male to N Male Cable 48 Inch LengthUsing 1/4 inch Superflexible Coax
PE3C0124-60 PASTERNACK-PE3C0124-60 Datasheet
438Kb / 4P
N Male to N Male Cable 60 Inch Length Using 1/4 inch Superflexible Coax
PE3C0125-48 PASTERNACK-PE3C0125-48 Datasheet
194Kb / 3P
N Male to N Female Cable 48 Inch Length Using 1/4 inch Superflexible Coax
PE39804-144 PASTERNACK-PE39804-144 Datasheet
399Kb / 4P
N Male to N Male Low PIM Cable 144 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39804-192 PASTERNACK-PE39804-192 Datasheet
398Kb / 4P
N Male to N Male Low PIM Cable 192 Inch Length Using 1/2 inch Superflexible Coax, RoHS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com