Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3403SRHA Datasheet (PDF) - Toshiba Semiconductor

TLP3403SRHA Datasheet PDF - Toshiba Semiconductor
Part # TLP3403SRHA
Download  TLP3403SRHA Download
File Size   326.75 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Photorelay

TLP3403SRHA Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3403SRHA Datasheet PDF - Toshiba Semiconductor

Part # TLP3403SRHA
Download  TLP3403SRHA Click to download

File Size   326.75 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Photorelay

TLP3403SRHA Datasheet (HTML) - Toshiba Semiconductor


TLP3403SRHA Product details

Applications
• Probe Cards
• ATE (Automatic Test Equipment)
• Measuring Instruments
• High-Speed Logic IC Testers
• High-Speed Memory Testers

General
The TOSHIBA TLP3403SRHA photorelay consists of a photo MOSFET optically coupled to an infrared LED. It
is housed in a S-VSON4T package. The TLP3403SRHA features a very small on-resistance and on/off switching
off current as high as 1.5 A, making it ideal for switching applications in high-speed testers.

Features
(1) S-VSON4T: 2.0 (L) mm × 1.45 (W) mm × 1.3 (H) mm
(2) Operating temperature: -40 to 125
(3) Normally opened (1-Form-A)
(4) OFF-state output terminal voltage: 20 V (min)
(5) Operating voltage: 3 V (max)
(6) ON-state current: 1.5 A (max)
(7) ON-state resistance: 0.1 Ω (typ.), 0.2 Ω (max)
(8) Isolation voltage: 500 Vrms (min)
(9) Halogen-free
For details, see "Devices in Halogen-Free Resin Packages" at the end of this datasheet.




Similar Part No. - TLP3403SRHA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3403 TOSHIBA-TLP3403 Datasheet
314Kb / 10P
Photocouplers Photorelay
2019-11-29 Rev.10.0
TLP3403R TOSHIBA-TLP3403R Datasheet
279Kb / 10P
Photocouplers Photorelay
2019-11-29 Rev.8.0
More results


Similar Description - TLP3403SRHA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP171D TOSHIBA-TLP171D Datasheet
219Kb / 7P
Photocouplers Photorelay
2019-10-11 Rev.4.0
TLP172GM TOSHIBA-TLP172GM Datasheet
303Kb / 11P
Photocouplers Photorelay
2021-05-28 Rev.10.0
TLP223GA TOSHIBA-TLP223GA Datasheet
597Kb / 18P
Photocouplers Photorelay
2022-02-02 Rev.4.0
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP3109A TOSHIBA-TLP3109A Datasheet
314Kb / 10P
Photocouplers Photorelay
2022-04-12 Rev.3.0
TLP3146 TOSHIBA-TLP3146 Datasheet
322Kb / 8P
Photocouplers Photorelay
2018-06-28 Rev.1.0
TLP3407SRA4 TOSHIBA-TLP3407SRA4 Datasheet
545Kb / 12P
Photocouplers Photorelay
2021-09-10 Rev.1.0
TLP3419 TOSHIBA-TLP3419 Datasheet
300Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3420 TOSHIBA-TLP3420 Datasheet
301Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3451 TOSHIBA-TLP3451 Datasheet
295Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com