Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA-4543 Datasheet (PDF) - Agilent(Hewlett-Packard)

ADA-4543 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ADA-4543
Download  ADA-4543 Download
File Size   111.23 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Silicon Bipolar Darlington Amplifier

ADA-4543 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA-4543 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ADA-4543
Download  ADA-4543 Click to download

File Size   111.23 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Silicon Bipolar Darlington Amplifier

ADA-4543 Datasheet (HTML) - Agilent(Hewlett-Packard)


ADA-4543 Product details

Description

Agilent Technologies’ ADA-4543 is an economical, easy-to-use, general purpose silicon bipolar

RFIC gain block amplifiers housed in a 4-lead SC-70 (SOT-343) surface mount plastic package which requires only half the board space of a SOT-143 package.



Features

• Small Signal gain amplifier

• Operating frequency DC – 2.5 GHz

• Unconditionally stable

• 50 Ohms input & output

• Flat, Broadband Frequency Response up to 1 GHz

• Operating Current: 10 to 30 mA

• Industry standard SOT-343 package

• Lead-free option available




Similar Part No. - ADA-4543

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
Silicon Bipolar Darlington Amplifi er
More results


Similar Description - ADA-4543

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1 Datasheet
235Kb / 8P
Darlington Amplifier Transistors(NPN Silicon)
March, 2001 ??Rev. 1
logo
Agilent(Hewlett-Packard...
ADA-4643 HP-ADA-4643 Datasheet
110Kb / 10P
Silicon Bipolar Darlington Amplifier
ADA-4743 HP-ADA-4743 Datasheet
107Kb / 9P
Silicon Bipolar Darlington Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4789 AVAGO-ADA-4789 Datasheet
385Kb / 13P
Silicon Bipolar Darlington Amplifier Small Signal Gain Amplifier
logo
New Jersey Semi-Conduct...
MPSU95 NJSEMI-MPSU95 Datasheet
82Kb / 2P
PNP SILICON DARLINGTON AMPLIFIER TRANSISTOR
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
Silicon Bipolar Darlington Amplifi er
ADA-4643 AVAGO-ADA-4643 Datasheet
107Kb / 12P
Silicon Bipolar Darlington Amplifi er
ADA-4743 AVAGO-ADA-4743 Datasheet
103Kb / 9P
Silicon Bipolar Darlington Amplifi er
ADA-4789 AVAGO-ADA-4789_15 Datasheet
395Kb / 13P
Silicon Bipolar Darlington Amplifier
logo
Broadcom Corporation.
ADA-4789 BOARDCOM-ADA-4789 Datasheet
395Kb / 13P
Silicon Bipolar Darlington Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com