Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC60804T Datasheet (PDF) - Texas Instruments

AMC60804T Datasheet PDF - Texas Instruments
Part # AMC60804T
Download  AMC60804T Download
File Size   520.29 Kbytes
Page   6 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC60804T 4-Channel Optical Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC

AMC60804T Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC60804T Datasheet PDF - Texas Instruments

Part # AMC60804T
Download  AMC60804T Click to download

File Size   520.29 Kbytes
Page   6 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC60804T 4-Channel Optical Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC

AMC60804T Datasheet (HTML) - Texas Instruments


AMC60804T Product details

1 Features
• Four 12-bit current output DACs (IDACs)
– 200-mA full-scale output range
– Low supply headroom: 200 mV at 200 mA
• Four 12-bit voltage output DACs (VDACs)
– Selectable full-scale output ranges:
–5 V, –2.5 V, +2.5 V and +5 V
– High-current drive capability: ±50 mA
• Multichannel, 12-bit, 1-MSPS SAR ADC
– Four external inputs: 2.5-V and 5-V ranges
– Four IDAC voltage monitor channels
– Four VDAC current monitor channels
– Programmable sequencer
– Programmable out-of-range alarms
• Internal 2.5-V reference
• Supply and temperature fault alarms
• SPI and I2C interfaces: 1.7-V to 3.6-V operation
– SPI: 4-wire interface
– I2C: Four target addresses
• Specified temperature range: –40°C to +125°C

2 Applications
• Optical module
• Intra-DC interconnect (metro)

3 Description
The AMC60804T is a highly integrated, low-power
analog monitor and controller for optical transceiver
applications.
The AMC60804T includes four 12-bit current output
digital-to-analog converters (IDACs) and four 12-bit
voltage output DACs (VDACs) with programmable
output ranges. The device also includes a 12-bit,
1-MSPS analog-to-digital converter (ADC) used for
external and internal signal monitoring, supply and
temperature alarm monitors, and a high-precision
internal reference.
The AMC60804T VDACs support both positive and
negative output-range operation and are capable or
sourcing and sinking up to 50 mA, making them
an excellent choice for biasing optical modulators.
Additionally, the AMC60804T IDACs support a fullscale
output range of 200 mA with very-low power
dissipation. The IDACs eliminate the need for external
components to bias laser diodes. In combination,
the AMC60804T four VDACs and four IDACs enable
accurate biasing of electro-absorption modulated
lasers.
The AMC60804T also includes four input pins that
are multiplexed to the ADC and incorporate a lowlatency
window comparator. These features make this
device an excellent choice for received signal strength
indicator (RSSI) and loss-of-signal (LOS) detection.
The ADC is also capable of measuring the voltage at
the IDAC pins, as well as the current being sourced or
sinked by the VDACs, thus enabling these outputs to
be monitored.
The AMC60804T low power, high integration, very
small size, and wide operating temperature range
make this device an excellent choice as an all-in-one
control circuit for optical modules.




Similar Part No. - AMC60804T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC60804T TI2-AMC60804T Datasheet
487Kb / 6P
AMC60804T 4-Channel Optical Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
JANUARY 2023
AMC60804TYBHR TI2-AMC60804TYBHR Datasheet
487Kb / 6P
AMC60804T 4-Channel Optical Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
JANUARY 2023
AMC60804TYBHR.A TI2-AMC60804TYBHR.A Datasheet
487Kb / 6P
AMC60804T 4-Channel Optical Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
JANUARY 2023
More results


Similar Description - AMC60804T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7812SPAPR TI-AMC7812SPAPR Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC60804 TI-AMC60804 Datasheet
952Kb / 7P
AMC60804 4-Channel, EML Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
AMC60304 TI-AMC60304 Datasheet
437Kb / 3P
AMC60304 4-Channel Optical Monitor and Controller With High-Current Output DACs and Multichannel ADC
DECEMBER 2021
AMC7924 TI-AMC7924 Datasheet
1Mb / 11P
AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
AMC60304 TI-AMC60304_V01 Datasheet
1Mb / 10P
AMC60304 4-Channel Optical Monitor and Controller With High-Current Output DACs and Multichannel ADC
DECEMBER 2021
AMC60704 TI-AMC60704 Datasheet
491Kb / 6P
AMC60704 4-Channel Optical Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
DECEMBER 2022
AFE11612-SEP TI-AFE11612-SEP Datasheet
1Mb / 11P
AFE11612-SEP Radiation-Tolerant, Analog Monitor and Controller With Multichannel ADC, DACs, and Temperature Sensors
DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com