Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFDU4101 Datasheet (PDF) - Vishay Siliconix

TFDU4101 Datasheet PDF - Vishay Siliconix
Part # TFDU4101
Download  TFDU4101 Download
File Size   439.31 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications

TFDU4101 Datasheet (PDF)

Go To PDF Page Download Datasheet
TFDU4101 Datasheet PDF - Vishay Siliconix

Part # TFDU4101
Download  TFDU4101 Click to download

File Size   439.31 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications

TFDU4101 Datasheet (HTML) - Vishay Siliconix


TFDU4101 Product details

DESCRIPTION
TFDU4101 is an infrared transceiver that supports data rates
up to 115 kbit/s per the IrDA standard. The link distance is
up to 1 meter. The transceiver includes a PIN photodiode,
an infrared emitter, and a low-power control IC. These
components have not been qualified according to
automotive specifications.
FEATURES
• Compliant to the IrDA physical layer
specification
• Standard IrDA link distance of 1 m
• Low power consumption, typically less than
70 μA
• Less than 1 μA in shutdown mode
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912




Similar Part No. - TFDU4101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
11-Jul-06
TFDU4101 VISHAY-TFDU4101 Datasheet
273Kb / 16P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
04-Dec-07
TFDU4101 VISHAY-TFDU4101 Datasheet
270Kb / 13P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
08-Jul-09
TFDU4101 VISHAY-TFDU4101 Datasheet
283Kb / 13P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
04-Jul-12
TFDU4101 VISHAY-TFDU4101 Datasheet
438Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
25-Jul-2022
More results


Similar Description - TFDU4101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s)
26-Jan-04
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
11-Jul-06
TFDU4101 VISHAY-TFDU4101_07 Datasheet
273Kb / 16P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
04-Dec-07
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
16-Sep-09
TFDU4101 VISHAY-TFDU4101_09 Datasheet
270Kb / 13P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
08-Jul-09
TFDU4301-TT1 VISHAY-TFDU4301-TT1 Datasheet
207Kb / 12P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
22-Apr-10
TFDU4101 VISHAY-TFDU4101_12 Datasheet
283Kb / 13P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
04-Jul-12
TFDU4101 VISHAY-TFDU4101_V01 Datasheet
438Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
25-Jul-2022
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
28-Oct-2022
TFDU4301 VISHAY-TFDU4301_V01 Datasheet
331Kb / 14P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
28-Oct-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com