Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-104MT..KPBF Datasheet (PDF) - Vishay Siliconix

VS-104MT..KPBF Datasheet PDF - Vishay Siliconix
Part # VS-104MT..KPBF_V01
Download  VS-104MT..KPBF Download
File Size   207.12 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Three Phase AC Switch (Power Modules), 100 A

VS-104MT..KPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-104MT..KPBF Datasheet PDF - Vishay Siliconix

Part # VS-104MT..KPBF_V01
Download  VS-104MT..KPBF Click to download

File Size   207.12 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Three Phase AC Switch (Power Modules), 100 A

VS-104MT..KPBF Datasheet (HTML) - Vishay Siliconix


VS-104MT..KPBF Product details

FEATURES
• Package fully compatible with the industry
standard INT-A-PAK power modules series
• High thermal conductivity package, electrically
insulated case
• Outstanding number of power encapsulated components
• Excellent power volume ratio
• 4000 VRMS isolating voltage
• UL E78996 approved
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
A range of extremely compact, encapsulated three phase
AC switches offering efficient and reliable operation. They
are intended for use in general purpose and heavy duty
applications as control motor starter.




Similar Part No. - VS-104MT..KPBF_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-104MT..KPBF VISHAY-VS-104MT..KPBF Datasheet
206Kb / 8P
Three Phase AC Switch (Power Modules), 100 A
14-Sep-17
More results


Similar Description - VS-104MT..KPBF_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
54MT80KPBF VISHAY-54MT80KPBF Datasheet
183Kb / 9P
Three Phase AC Switch (Power Modules), 50 A to 100 A
05-May-08
VS-70MT160PBPBF VISHAY-VS-70MT160PBPBF Datasheet
1Mb / 9P
Three Phase Bridge (Power Modules), 45 A to 100 A
30-Oct-13
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
Three Phase Bridge (Power Modules), 45 A to 100 A
16-Jul-14
logo
Sirectifier Semiconduct...
S3SSAC70G16TB SIRECTIFIER-S3SSAC70G16TB Datasheet
129Kb / 4P
Three Phase Solid State AC Switch Modules
S3SSAC70G16B SIRECTIFIER-S3SSAC70G16B Datasheet
127Kb / 4P
Three Phase Solid State AC Switch Modules
logo
Vishay Siliconix
54-94-104MTKPBF VISHAY-54-94-104MTKPBF Datasheet
220Kb / 11P
Three Phase AC Switch (Power Modules), 50 A to 100 A
14-Jan-14
VS-104MTKPBF VISHAY-VS-104MTKPBF Datasheet
207Kb / 8P
Three Phase AC Switch (Power Modules), 100 A
14-Sep-17
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V01 Datasheet
172Kb / 9P
Three Phase Bridge (Power Modules), 45 A to 100 A
21-May-2019
VS-104MT..KPBF VISHAY-VS-104MT..KPBF Datasheet
206Kb / 8P
Three Phase AC Switch (Power Modules), 100 A
14-Sep-17
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V02 Datasheet
171Kb / 9P
Three Phase Bridge (Power Modules), 45 A to 100 A
21-May-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com