Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV265 Datasheet (PDF) - Microchip Technology

HV265 Datasheet PDF - Microchip Technology
Part # HV265
Download  HV265 Download
File Size   596.19 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4-Channel, 205V, High-Voltage Amplifiers Array

HV265 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV265 Datasheet PDF - Microchip Technology

Part # HV265
Download  HV265 Click to download

File Size   596.19 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4-Channel, 205V, High-Voltage Amplifiers Array

HV265 Datasheet (HTML) - Microchip Technology


HV265 Product details

Features
• Four Independent High Voltage Amplifiers
• Up to +205 V Output Voltage
• Gain of 82 V/V with Internal Feedback Resistors
• 0.02 V/s Minimum Output Slew Rate
• Less than 10 ms Settling Time
• Less than 1 k Output Impedance
• Up to 200 pF Output Load
• 30 kHz Gain Bandwidth Product
• 24-lead TSSOP Package

Application
• MEMS Driver




Similar Part No. - HV265

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2601 SUTEX-HV2601 Datasheet
505Kb / 7P
Low Charge Injection 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2601 MICROCHIP-HV2601 Datasheet
364Kb / 18P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
07/14/15
HV2601 MICROCHIP-HV2601 Datasheet
455Kb / 26P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2601BD-G-M931 MICROCHIP-HV2601BD-G-M931 Datasheet
455Kb / 26P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2601BD-G-M936 MICROCHIP-HV2601BD-G-M936 Datasheet
455Kb / 26P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
More results


Similar Description - HV265

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3439 BOCA-2N3439 Datasheet
262Kb / 6P
HIGH VOLTAGE AMPLIFIERS
logo
Supertex, Inc
HV254 SUTEX-HV254 Datasheet
276Kb / 7P
32-Channel High Voltage Amplifier Array
HV256 SUTEX-HV256 Datasheet
365Kb / 7P
32-Channel High Voltage Amplifier Array
logo
California Micro Device...
CM1441 CALMIRCO-CM1441 Datasheet
615Kb / 8P
4-Channel EMI Filter Array w/ ESD 4-channel ESD Array
logo
Supertex, Inc
HV256 SUTEX-HV256_07 Datasheet
1Mb / 11P
32-Channel High Voltage Amplifi er Array
logo
ON Semiconductor
CM1241 ONSEMI-CM1241 Datasheet
391Kb / 12P
4-Channel Low Capacitance Dual-Voltage ESD Protection Array
April 2010 ??Rev. 3
CM1641 ONSEMI-CM1641 Datasheet
322Kb / 10P
4-Channel Low Capacitance Dual-Voltage ESD Protection Array
May 2010 ??Rev. 4
CM1643 ONSEMI-CM1643 Datasheet
231Kb / 6P
4-Channel Low Capacitance Dual-Voltage ESD Protection Array
April, 2011 ??Rev. P3
logo
Supertex, Inc
HV256 SUTEX-HV256_13 Datasheet
1Mb / 13P
32-Channel High Voltage Amplifier Array
HV254 SUTEX-HV254_13 Datasheet
692Kb / 10P
32-Channel High Voltage Amplifier Array
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com