Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV2903 Datasheet (PDF) - Microchip Technology

HV2903 Datasheet PDF - Microchip Technology
Part # HV2903
Download  HV2903 Download
File Size   1014.8 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch

HV2903 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV2903 Datasheet PDF - Microchip Technology

Part # HV2903
Download  HV2903 Click to download

File Size   1014.8 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch

HV2903 Datasheet (HTML) - Microchip Technology


HV2903 Product details

Features
• 32-Channel, High-Voltage Analog Switch
• No High-Voltage Supplies Required
• 32-Channel, Single-Pole, Single-Throw (SPST)
Individual Switching or Bank Switching
• 3.3V CMOS Input Logic Level
• 66 MHz Data Shift Clock Frequency
• Silicon-on-Insulator (SOI) High-Voltage
Technology for High Performance
• Standby mode for Low-Power Dissipation
• Low-Parasitic Capacitance
• DC to 50 MHz Analog Small-Signal Frequency
• 200 kHz to 50 MHz Large-Signal Frequency
• -70 dB Typical Off Isolation at 5.0 MHz
• Excellent Noise Immunity
• Cascadable Serial Data Register with Latches
• Integrated Bleed Resistors on the Outputs (both
sides for HV2903, one side for HV2904)

Applications
• Medical Ultrasound Imaging
• Nondestructive Testing (NDT) Metal Flaw
Detection
• Piezoelectric Transducer Drivers
• Inkjet Printer Heads
• Optical MEMS Modules




Similar Part No. - HV2903

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2901 SUTEX-HV2901 Datasheet
689Kb / 9P
Low Charge Injection 32-Channel High Voltage Analog Switch with Bleed Resistors
HV2901K6-G SUTEX-HV2901K6-G Datasheet
689Kb / 9P
Low Charge Injection 32-Channel High Voltage Analog Switch with Bleed Resistors
logo
Microchip Technology
HV2902 MICROCHIP-HV2902 Datasheet
328Kb / 26P
Low Harmonic Distortion, 32-Channel SPST
07/14/15
HV2902GA-G MICROCHIP-HV2902GA-G Datasheet
328Kb / 26P
Low Harmonic Distortion, 32-Channel SPST
07/14/15
More results


Similar Description - HV2903

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2733 SUTEX-HV2733 Datasheet
809Kb / 8P
16-Channel, Low Harmonic Distortion, High Voltage Analog Switch with Bleed Resistors
HV2801 SUTEX-HV2801 Datasheet
1Mb / 9P
Low Charge Injection 32-Channel High Voltage Analog Switch
HV2808 SUTEX-HV2808 Datasheet
661Kb / 7P
Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch IC
HV2809 SUTEX-HV2809 Datasheet
791Kb / 7P
Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch Relay Replacement IC
HV2705 SUTEX-HV2705 Datasheet
943Kb / 8P
Low Harmonic Distortion, 16-Channel, High Voltage, Analog Switches with Bleed Resistors
HV2605 SUTEX-HV2605 Datasheet
881Kb / 8P
Low Harmonic Distortion 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2802 MICROCHIP-HV2802 Datasheet
328Kb / 26P
Low Harmonic Distortion, 32-Channel SPST
07/14/15
HV2662 MICROCHIP-HV2662 Datasheet
614Kb / 16P
Low Harmonic Distortion, 24-Channel SPST High Voltage Analog Switch
07/14/15
logo
Monolithic Power System...
MP4832 MPS-MP4832 Datasheet
189Kb / 2P
32-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2605 MICROCHIP-HV2605 Datasheet
474Kb / 30P
16-Channel Low Harmonic Distortion High-Voltage Analog Switches
Revision C (May 2022)
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com