Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V86T-E/OT Datasheet (PDF) - Microchip Technology

MCP6V86T-E/OT Datasheet PDF - Microchip Technology
Part # MCP6V86T-E/OT
Download  MCP6V86T-E/OT Download
File Size   2531.08 Kbytes
Page   52 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 5 MHz, 0.5 mA, Zero-Drift Op Amps

MCP6V86T-E/OT Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP6V86T-E/OT Datasheet PDF - Microchip Technology

Part # MCP6V86T-E/OT
Download  MCP6V86T-E/OT Click to download

File Size   2531.08 Kbytes
Page   52 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 5 MHz, 0.5 mA, Zero-Drift Op Amps

MCP6V86T-E/OT Datasheet (HTML) - Microchip Technology


MCP6V86T-E/OT Product details

Features
• High DC Precision:
- VOS Drift: ±150 nV/°C
- VOS: ±25 μV (maximum)
- AOL: 111 dB (minimum, VDD = 5.5V)
- PSRR: 110 dB (minimum, VDD = 5.5V)
- CMRR: 112 dB (minimum, VDD = 5.5V)
- Eni: 0.28 μVP-P (typical), f = 0.1 Hz to 10 Hz
- Eni: 0.1 μVP-P (typical), f = 0.01 Hz to 1 Hz
• Enhanced EMI Protection:
- Electromagnetic Interference Rejection Ratio
(EMIRR) at 1.8 GHz: 101 dB
• Low Power and Supply Voltages:
- IQ: 0.5 mA/amplifier (typical)
- Wide supply voltage range: 2.2V to 5.5V
• Small Packages:
- Singles in SC70, SOT-23
- Duals in 8-Lead MSOP, 2 x 3 TDFN
- Quads in 14-Lead TSSOP
• Easy to Use:
- Rail-to-rail input/output
- Gain bandwidth product: 5 MHz (typical)
- Unity gain stable
• Extended Temperature Range: -40°C to +125°C
Typical Applications
• Portable Instrumentation
• Sensor Conditioning
• Temperature Measurement
• DC Offset Correction
• Medical Instrumentation
Design Aids
• SPICE Macro Models
• FilterLab® Software
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Related Parts
• MCP6V16/6U/7/9: Zero-Drift, Low Power
• MCP6V36/6U/7/9: Zero-Drift, Low Power
• MCP6V66/6U/7/9: Zero-Drift, 1 MHz
• MCP6V76/6U/7/9: Zero-Drift, 2 MHz
• MCP6V91/1U/2/4: Zero-Drift, 10 MHz




Similar Part No. - MCP6V86T-E/OT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V81 MICROCHIP-MCP6V81 Datasheet
2Mb / 48P
Portable Instrumentation
01/27/15
MCP6V82 MICROCHIP-MCP6V82 Datasheet
2Mb / 48P
Portable Instrumentation
01/27/15
MCP6V84 MICROCHIP-MCP6V84 Datasheet
2Mb / 48P
Portable Instrumentation
01/27/15
More results


Similar Description - MCP6V86T-E/OT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V11 MICROCHIP-MCP6V11 Datasheet
3Mb / 40P
7.5 關A, 80 kHz Zero-Drift Op Amps
11/29/11
MCP6V31 MICROCHIP-MCP6V31 Datasheet
3Mb / 40P
23 關A, 300 kHz Zero-Drift Op Amps
11/29/11
logo
3PEAK INC.
TP5531 3PEAK-TP5531 Datasheet
657Kb / 16P
1.8V, 34關A, RRIO, Zero Drift Op-amps
TP5551 3PEAK-TP5551 Datasheet
1Mb / 16P
Ultra Low Noise, 3.5MHz, Zero Drift, RRIO Op-amps
logo
Microchip Technology
MCP6V76 MICROCHIP-MCP6V76 Datasheet
1Mb / 48P
170 關A, 2 MHz Zero-Drift Op Amps
02/28/20
MCP6V16 MICROCHIP-MCP6V16 Datasheet
3Mb / 52P
7.5 關A, 80 kHz Zero-Drift Op Amps
05/14/19
MCP6V66 MICROCHIP-MCP6V66 Datasheet
1Mb / 46P
80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
logo
Texas Instruments
OPA182 TI-OPA182 Datasheet
3Mb / 43P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
DECEMBER 2021
OPA182 TI-OPA182_V01 Datasheet
3Mb / 47P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
REVISED AUGUST 2022
logo
Microchip Technology
MCP6V96 MICROCHIP-MCP6V96 Datasheet
2Mb / 52P
10 MHz, Zero-Drift Op Amps
Revision A November 2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com