Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMX-C660 Datasheet (PDF) - Agilent(Hewlett-Packard)

HSMX-C660 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HSMX-C660
Download  HSMX-C660 Download
File Size   191.17 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Right Angle Surface Mount Chip LEDs

HSMX-C660 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSMX-C660 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HSMX-C660
Download  HSMX-C660 Click to download

File Size   191.17 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Right Angle Surface Mount Chip LEDs

HSMX-C660 Datasheet (HTML) - Agilent(Hewlett-Packard)


HSMX-C660 Product details

Description

The HSMx-C660 series of chip-type LEDs are designed to illuminate at a right angle to the direction of mounting. When mounted on a PC board, these devices will emit light in a direction parallel to the board.

The small 3.0 x 2.0 mm footprint of the HSMx-C660 is designed for applications where space is limited. These devices are available in five colors and use untinted, nondiffused optics.

The HSMx-C660 series of parts are compatible with IR reflow soldering process only.



Features

• Right Angle Mounting

• Compatible with IR Reflow Soldering Process

• Available in a Wide Variety of Colors

• Available in 8 mm Tape on 178 mm (7") Diameter Reels



Applications

• LCD Backlighting

• Keypad Side/Backlighting

• Light Piping

• Right Angle Indicator



 




Similar Part No. - HSMX-C660

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-C660 AVAGO-HSMX-C660 Datasheet
157Kb / 7P
Right Angle Surface Mount Chip LEDs
More results


Similar Description - HSMX-C660

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-C660 AVAGO-HSMX-C660 Datasheet
157Kb / 7P
Right Angle Surface Mount Chip LEDs
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com