Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9204 Datasheet (PDF) - Richtek Technology Corporation

RT9204 Datasheet PDF - Richtek Technology Corporation
Part # RT9204
Download  RT9204 Download
File Size   282.01 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller

RT9204 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9204 Datasheet PDF - Richtek Technology Corporation

Part # RT9204
Download  RT9204 Click to download

File Size   282.01 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller

RT9204 Datasheet (HTML) - Richtek Technology Corporation


RT9204 Product details

General Description
The RT9204/A is a dual power controllers designed for high performance graphics cards and computer applications. The IC integrates a standard buck controller, a linear regulator driver and protection functions into a small 8-pin package.

Features
• Operate from 5V
• 0.8V Internal Reference
• Voltage Mode PWM Control
• Fast Transient Response
• Fixed 600kHz Oscillator Frequency
• Full 0 to 100% Duty Cycle
• Internal Soft Start
• Internal PWM Loop Compensation
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• Motherboard Power Regulation for Computers
• Subsystems Power Supplies
• Cable Modems, Set Top Box, and DSL Modems
• DSP and Core Communications Processor Supplies
• Memory Power Supplies
• Personal Computer Peripherals
• Industrial Power Supplies
• 5V-InputDC-DC Regulators
• LowVoltage Distributed Power Supplies




Similar Part No. - RT9204

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9204 RICHTEK-RT9204 Datasheet
186Kb / 14P
Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
RT9204AGS RICHTEK-RT9204AGS Datasheet
186Kb / 14P
Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
RT9204APS RICHTEK-RT9204APS Datasheet
186Kb / 14P
Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
RT9204GS RICHTEK-RT9204GS Datasheet
186Kb / 14P
Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
RT9204PS RICHTEK-RT9204PS Datasheet
186Kb / 14P
Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
More results


Similar Description - RT9204

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
December 28, 2004
ISL6521 INTERSIL-ISL6521 Datasheet
639Kb / 13P
PWM Buck DC-DC and Triple Linear Power Controller
February 8, 2005
logo
Richtek Technology Corp...
RT9205 RICHTEK-RT9205 Datasheet
305Kb / 16P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
March 9, 2006
logo
Richtek Technology Corp...
RT9203 RICHTEK-RT9203 Datasheet
215Kb / 16P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9204 RICHTEK-RT9204_07 Datasheet
186Kb / 14P
Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Renesas Technology Corp
ISL6521 RENESAS-ISL6521 Datasheet
748Kb / 14P
PWM Buck DC-DC and Triple Linear Power Controller
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com