Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0018 Datasheet (PDF) - Tyco Electronics

MABACT0018 Datasheet PDF - Tyco Electronics
Part # MABACT0018
Download  MABACT0018 Download
File Size   181.02 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1:4 RF flux coupled step-up transformer 5.0 - 200 MHz

MABACT0018 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABACT0018 Datasheet PDF - Tyco Electronics

Part # MABACT0018
Download  MABACT0018 Click to download

File Size   181.02 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1:4 RF flux coupled step-up transformer 5.0 - 200 MHz

MABACT0018 Datasheet (HTML) - Tyco Electronics


MABACT0018 Product details

Description
M/A Com’s MABACT0018 is a 1:4 RF flux coupled step-up transformer in a low cost, surface mount package. Ideally suited for high volume cellular & wireless applications. Typical applications include single to balance mode conversion and impedance matching.

Features
• Surface mount
• 1:4 Impedance
• CT on Secondary
• Available on Tape & Reel




Similar Part No. - MABACT0018

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0018 MA-COM-MABACT0018 Datasheet
71Kb / 3P
E-Series 1:4 RF Flux Coupled Transformer 5.0-200 MHz
MABACT0018 MA-COM-MABACT0018 Datasheet
71Kb / 3P
E-Series 1:4 RF Flux Coupled Transformer
MABACT0018 MA-COM-MABACT0018_15 Datasheet
71Kb / 3P
E-Series 1:4 RF Flux Coupled Transformer
More results


Similar Description - MABACT0018

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC4-1 MACOM-ETC4-1 Datasheet
76Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
MABACT0011 MACOM-MABACT0011 Datasheet
166Kb / 2P
1:4 Flux Coupled Step up Transformer 1 - 350 MHz
ETC1-1T-13 MACOM-ETC1-1T-13 Datasheet
78Kb / 3P
RF 1:1 Flux Coupled Transformer 5.0 - 120 MHz
logo
M/A-COM Technology Solu...
MABACT0011 MA-COM-MABACT0011 Datasheet
101Kb / 2P
1:4 Flux Coupled Step up Transformer 1 - 350 MHz
MABACT0018 MA-COM-MABACT0018 Datasheet
71Kb / 3P
E-Series 1:4 RF Flux Coupled Transformer 5.0-200 MHz
ETC4-1 MA-COM-ETC4-1 Datasheet
104Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
MABA-007237-ETC410 MA-COM-MABA-007237-ETC410 Datasheet
64Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1 - 350 MHz
MABA-007493-CF4160 MA-COM-MABA-007493-CF4160_2 Datasheet
101Kb / 3P
4:1 Flux Coupled Step-up Transformer
MABA-007493-CF4160 MA-COM-MABA-007493-CF4160 Datasheet
101Kb / 3P
4:1 Flux Coupled Step-up Transformer
MABA-007493-CF4160 MA-COM-MABA-007493-CF4160_15 Datasheet
101Kb / 3P
4:1 Flux Coupled Step-up Transformer
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com