Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0066 Datasheet (PDF) - Tyco Electronics

MABACT0066 Datasheet PDF - Tyco Electronics
Part # MABACT0066
Download  MABACT0066 Download
File Size   75.33 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 4:1 Transmission Line Transformer 5-1000MHz

MABACT0066 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABACT0066 Datasheet PDF - Tyco Electronics

Part # MABACT0066
Download  MABACT0066 Click to download

File Size   75.33 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 4:1 Transmission Line Transformer 5-1000MHz

MABACT0066 Datasheet (HTML) - Tyco Electronics


MABACT0066 Product details

Description

M/A Com’s MABACT0066 is a 4:1 RF flux coupled step up transformer in a low cost, surface mount package. Ideally suited for high volume CATV/Broadband applications.



Features

• Surface Mount

• 4:1 Impedance

• Excellent amplitude and phase balance

• Can be used in both 50Ω and 75Ω systems

• 260°C Reflow Compatible

• RoHS* Compliant

• RoHS version of MABAES0054

• Available on Tape and Reel. Reel quantity 2000



 




Similar Part No. - MABACT0066

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0066 MA-COM-MABACT0066 Datasheet
135Kb / 3P
Transformer, 4:1 transmission line 5 to 1000 MHz
MABACT0066 MA-COM-MABACT0066 Datasheet
164Kb / 4P
Transformer, 4:1 transmission line
MABACT0066 MA-COM-MABACT0066 Datasheet
164Kb / 4P
Transformer, 4:1 transmission line
MABACT0066 MA-COM-MABACT0066_15 Datasheet
164Kb / 4P
Transformer, 4:1 transmission line
MABACT0066_V3 MA-COM-MABACT0066_V3 Datasheet
164Kb / 4P
Transformer, 4:1 transmission line
More results


Similar Description - MABACT0066

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0040 MACOM-MABACT0040 Datasheet
82Kb / 3P
1:1 Transmission Line Transformer, with center tap 5-1000MHz
logo
M/A-COM Technology Solu...
MABACT0040 MA-COM-MABACT0040 Datasheet
84Kb / 3P
1:1 Transmission Line Transformer, with center tap 5-1000MHz
MABA-010129-CT4A40 MA-COM-MABA-010129-CT4A40 Datasheet
168Kb / 4P
Transformer, 1:4 Transmission Line Transformer
MABA-010268-CT4160 MA-COM-MABA-010268-CT4160 Datasheet
174Kb / 4P
Transformer, 1:4 Transmission Line Transformer
MABACT0065_V2 MA-COM-MABACT0065_V2 Datasheet
137Kb / 4P
4:1 Transmission Line Transformer
MABA-010129-CT4A40 MA-COM-MABA-010129-CT4A40 Datasheet
168Kb / 4P
Transformer, 1:4 Transmission Line Transformer
MABA-010268-CT4160 MA-COM-MABA-010268-CT4160 Datasheet
174Kb / 4P
Transformer, 1:4 Transmission Line Transformer
MABACT0066 MA-COM-MABACT0066 Datasheet
164Kb / 4P
Transformer, 4:1 transmission line
MABA-010129-CT4A40 MA-COM-MABA-010129-CT4A40_15 Datasheet
168Kb / 4P
Transformer, 1:4 Transmission Line Transformer
MABA-010268-CT4160 MA-COM-MABA-010268-CT4160_15 Datasheet
174Kb / 4P
Transformer, 1:4 Transmission Line Transformer
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com