Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1727751 Datasheet (PDF) - PHOENIX CONTACT

1727751 Datasheet PDF - PHOENIX CONTACT
Part # 1727751
Download  1727751 Download
File Size   385.73 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MK3DS 1/ 4-3,81

1727751 Datasheet (PDF)

Go To PDF Page Download Datasheet
1727751 Datasheet PDF - PHOENIX CONTACT

Part # 1727751
Download  1727751 Click to download

File Size   385.73 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MK3DS 1/ 4-3,81

1727751 Datasheet (HTML) - PHOENIX CONTACT


1727751 Product details

PCB terminal block, nominal current: 8 A, rated voltage (III/2): 160 V, nominal cross section: 1
mm2, number of potentials: 12, number of rows: 3, number of positions per row: 4, product
range: MK3DS 1, pitch: 3.81 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °,
color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per
potential: 1, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Extremely small design for the respective conductor cross section
• Conductor connection on several levels enables higher contact density




Similar Part No. - 1727751

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1727757 PHOENIX-1727757 Datasheet
74Kb / 3P
Printed-circuit board connector - DFK-PC 5/ 8-GF-7,62
More results


Similar Description - 1727751

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1704978 PHOENIX-1704978 Datasheet
84Kb / 5P
PCB terminal block - ZFKDS 1-3,81
1727735 PHOENIX-1727735 Datasheet
157Kb / 5P
MK3DS 1/ 2-3,81
1727748 PHOENIX-1727748 Datasheet
157Kb / 5P
MK3DS 1/ 3-3,81
1727764 PHOENIX-1727764 Datasheet
89Kb / 6P
PCB terminal block - MK3DS 1/ 5-3,81
1727777 PHOENIX-1727777 Datasheet
157Kb / 5P
MK3DS 1/ 6-3,81
1727793 PHOENIX-1727793 Datasheet
131Kb / 6P
PCB terminal block - MK3DS 1/ 8-3,81
1727803 PHOENIX-1727803 Datasheet
89Kb / 6P
PCB terminal block - MK3DS 1/ 9-3,81
1727832 PHOENIX-1727832 Datasheet
88Kb / 6P
PCB terminal block - MK3DS 1/12-3,81
1738610 PHOENIX-1738610 Datasheet
57Kb / 4P
PCB terminal block - MK3DS 1/ 8-3,81 BK
1932410 PHOENIX-1932410 Datasheet
129Kb / 5P
PCB terminal block - MKDS 1/ 4-3,81 HT BK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com