Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1730133 Datasheet (PDF) - PHOENIX CONTACT

1730133 Datasheet PDF - PHOENIX CONTACT
Part # 1730133
Download  1730133 Download
File Size   409.22 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MKDSP 1,5/ 3-5,08

1730133 Datasheet (PDF)

Go To PDF Page Download Datasheet
1730133 Datasheet PDF - PHOENIX CONTACT

Part # 1730133
Download  1730133 Click to download

File Size   409.22 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MKDSP 1,5/ 3-5,08

1730133 Datasheet (HTML) - PHOENIX CONTACT


1730133 Product details

PCB terminal block, nominal current: 17.5 A, rated voltage (III/2): 400 V, nominal cross section:
1.5 mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3, product
range: MKDSP 1,5, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °,
color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per
potential: 1, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Quick and convenient testing using integrated test option
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1730133

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173013 FESTO-173013 Datasheet
102Kb / 2P
Air solenoid valve
logo
PHOENIX CONTACT
1730139 PHOENIX-1730139 Datasheet
53Kb / 4P
PCB terminal block - PTSA 1,5/10-3,5-F MIX
More results


Similar Description - 1730133

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714735 PHOENIX-1714735 Datasheet
149Kb / 8P
PCB terminal block - MKDSP 3/ 3-5,08
1730023 PHOENIX-1730023 Datasheet
126Kb / 6P
PCB terminal block - MKDSP 1,5/ 3
1730104 PHOENIX-1730104 Datasheet
77Kb / 5P
PCB terminal block - MKDSP 1,5/11
1730175 PHOENIX-1730175 Datasheet
78Kb / 5P
PCB terminal block - MKDSP 1,5/ 7-5,08
1730188 PHOENIX-1730188 Datasheet
78Kb / 5P
PCB terminal block - MKDSP 1,5/ 8-5,08
1730191 PHOENIX-1730191 Datasheet
78Kb / 5P
PCB terminal block - MKDSP 1,5/ 9-5,08
1730214 PHOENIX-1730214 Datasheet
78Kb / 5P
PCB terminal block - MKDSP 1,5/11-5,08
1730227 PHOENIX-1730227 Datasheet
112Kb / 7P
PCB terminal block - MKDSP 1,5/12-5,08
1869761 PHOENIX-1869761 Datasheet
58Kb / 5P
PCB terminal block - MKDSP 1,5/ 3-5,08 (1,3)
1904244 PHOENIX-1904244 Datasheet
57Kb / 5P
PCB terminal block - MKDSP 3/ 3-5,08 BK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com