Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABAES0029 Datasheet (PDF) - Tyco Electronics

MABAES0029 Datasheet PDF - Tyco Electronics
Part # MABAES0029
Download  MABAES0029 Download
File Size   103.28 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series RF 1:1 Transformer with tap 50 - 1200 MHz

MABAES0029 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABAES0029 Datasheet PDF - Tyco Electronics

Part # MABAES0029
Download  MABAES0029 Click to download

File Size   103.28 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series RF 1:1 Transformer with tap 50 - 1200 MHz

MABAES0029 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MABAES0029

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABAES0029 MA-COM-MABAES0029 Datasheet
135Kb / 2P
E-Series RF 1:1 Transformer with tap 50 - 1200 MHz
MABAES0029 MA-COM-MABAES0029 Datasheet
135Kb / 2P
E-Series RF 1:1 Transformer with tap
MABAES0029 MA-COM-MABAES0029_15 Datasheet
757Kb / 5P
Transformer, 1:1 Transmission Line with Tap Transformer
More results


Similar Description - MABAES0029

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC2-1T-2 MACOM-ETC2-1T-2 Datasheet
35Kb / 1P
E-Series RF 2:1 Transformer 50 - 1000 MHz
ETC4-1-75 MACOM-ETC4-1-75 Datasheet
85Kb / 1P
E-Series RF 1:4 Transformer 50 - 750 MHz
MABA-008184-CT1760 MACOM-MABA-008184-CT1760 Datasheet
78Kb / 3P
1:1 Transformer with tap 50-870MHz
logo
M/A-COM Technology Solu...
MABAES0029 MA-COM-MABAES0029 Datasheet
135Kb / 2P
E-Series RF 1:1 Transformer with tap 50 - 1200 MHz
MABA-008979-CF0290 MA-COM-MABA-008979-CF0290 Datasheet
84Kb / 3P
RF 1:1 Transformer with Tap 50-1200 MHz
MABA-009602-ES2922 MA-COM-MABA-009602-ES2922 Datasheet
182Kb / 4P
E-Series RF 1:1 Transformer with Tap
MABA-008979-CF0290 MA-COM-MABA-008979-CF0290 Datasheet
84Kb / 3P
RF 1:1 Transformer with Tap
MABAES0029 MA-COM-MABAES0029 Datasheet
135Kb / 2P
E-Series RF 1:1 Transformer with tap
MABA-009602-ES2922 MA-COM-MABA-009602-ES2922 Datasheet
182Kb / 4P
E-Series RF 1:1 Transformer with Tap
MABA-009602-ES2922 MA-COM-MABA-009602-ES2922_15 Datasheet
182Kb / 4P
E-Series RF 1:1 Transformer with Tap
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com