Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALS240A Datasheet (PDF) - NXP Semiconductors

74ALS240A Datasheet PDF - NXP Semiconductors
Part # 74ALS240A
Download  74ALS240A Download
File Size   114.49 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal inverter buffer 3-State

74ALS240A Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALS240A Datasheet PDF - NXP Semiconductors

Part # 74ALS240A
Download  74ALS240A Click to download

File Size   114.49 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal inverter buffer 3-State

74ALS240A Datasheet (HTML) - NXP Semiconductors


74ALS240A Product details

DESCRIPTION
The 74ALS240A is an octal buffer that is ideal for driving bus lines or buffer memory address registers. The outputs are all capable of sinking 24mA and sourcing up to 15mA, producing very good capacitive drive characteristics. The device features two output enables, OEa and OEb, each controlling four of the 3-State outputs.
The 74ALS240A-1 sinks 48 mA IOL if the VCC is limited to 5.0V ±0.25V

FEATURES
• Octal bus interface
• 3-State buffer outputs sink 24mA and source 15mA
• The -1 version sinks 48 mA




Similar Part No. - 74ALS240A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS241A PHILIPS-74ALS241A Datasheet
109Kb / 9P
Octal buffer 3-state
1991 Feb 08
74ALS241A-1 PHILIPS-74ALS241A-1 Datasheet
109Kb / 9P
Octal buffer 3-state
1991 Feb 08
74ALS241A-1D PHILIPS-74ALS241A-1D Datasheet
109Kb / 9P
Octal buffer 3-state
1991 Feb 08
74ALS241A-1DB PHILIPS-74ALS241A-1DB Datasheet
109Kb / 9P
Octal buffer 3-state
1991 Feb 08
74ALS241A-1N PHILIPS-74ALS241A-1N Datasheet
109Kb / 9P
Octal buffer 3-state
1991 Feb 08
More results


Similar Description - 74ALS240A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F1240 PHILIPS-74F1240 Datasheet
85Kb / 10P
Octal inverter buffer 3-State
1999 Jan 08
74F240 PHILIPS-74F240 Datasheet
103Kb / 12P
Octal inverter buffer 3-State
1001 Jan 02
74F540 PHILIPS-74F540 Datasheet
84Kb / 10P
Octal inverter buffer 3- State
1990 Jan 08
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
logo
NXP Semiconductors
74F540N PHILIPS-74F540N Datasheet
100Kb / 10P
Octal inverter buffer (3- State)
1990 Jan 08
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com