Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALS245A Datasheet (PDF) - NXP Semiconductors

74ALS245A Datasheet PDF - NXP Semiconductors
Part # 74ALS245A
Download  74ALS245A Download
File Size   116.6 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal transceiver 3-State

74ALS245A Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALS245A Datasheet PDF - NXP Semiconductors

Part # 74ALS245A
Download  74ALS245A Click to download

File Size   116.6 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal transceiver 3-State

74ALS245A Datasheet (HTML) - NXP Semiconductors


74ALS245A Product details

DESCRIPTION
The 74ALS245A is an octal transceiver featuring non-inverting 3-State bus compatible outputs in both transmit and receive directions.

FEATURES
• Octal bidirectional bus interface
• 3-State buffer outputs sink 24mA and source 15mA
• Outputs are placed in high impedance state during power-off
    conditions
• The -1 version sinks 48mA




Similar Part No. - 74ALS245A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALS245 FAIRCHILD-74ALS245 Datasheet
73Kb / 6P
Octal 3-STATE Bus Transceiver
More results


Similar Description - 74ALS245A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS645A PHILIPS-74ALS645A Datasheet
79Kb / 8P
Octal transceiver 3-State
1991 Jun 03
74F1245 PHILIPS-74F1245 Datasheet
86Kb / 10P
Octal transceiver 3-State
1995 Mar 01
74F245 PHILIPS-74F245 Datasheet
91Kb / 10P
Octal transceiver 3-State
1994 Nov 15
logo
Fairchild Semiconductor
DM74ALS5245 FAIRCHILD-DM74ALS5245 Datasheet
78Kb / 7P
Octal 3-STATE Transceiver
MM74HC245A FAIRCHILD-MM74HC245A Datasheet
94Kb / 8P
Octal 3-STATE Transceiver
MM74HCT245 FAIRCHILD-MM74HCT245 Datasheet
103Kb / 7P
Octal 3-STATE Transceiver
MM74HCT245 FAIRCHILD-MM74HCT245 Datasheet
107Kb / 8P
Octal 3-STATE Transceiver
logo
ON Semiconductor
MM74HC245A ONSEMI-MM74HC245A Datasheet
212Kb / 10P
Octal 3-STATE Transceiver
Revised May 2005
MM74HCT245 ONSEMI-MM74HCT245 Datasheet
213Kb / 10P
Octal 3-STATE Transceiver
Revised May 2005
logo
Nexperia B.V. All right...
74F245 NEXPERIA-74F245 Datasheet
213Kb / 11P
Octal transceiver (3-State)
November 15, 1994
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com