Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102SHF100AS6LE Datasheet (PDF) - Exxelia Group

102SHF100AS6LE Datasheet PDF - Exxelia Group
Part # 102SHF100AS6LE
Download  102SHF100AS6LE Download
File Size   1485.55 Kbytes
Page   34 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description Super HiQ

102SHF100AS6LE Datasheet (PDF)

Go To PDF Page Download Datasheet
102SHF100AS6LE Datasheet PDF - Exxelia Group

Part # 102SHF100AS6LE
Download  102SHF100AS6LE Click to download

File Size   1485.55 Kbytes
Page   34 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description Super HiQ

102SHF100AS6LE Datasheet (HTML) - Exxelia Group


102SHF100AS6LE Product details

FEATURES
• Lowest ESR in class, High Self-Resonant Frequencies,
RF capacitors
• Highest working voltage in class: 1,500V
• Standard EIA sizes: 0402 - 1111
• Capacitance range: 0.1pF - 1,000pF
• NPO, RoHS & REACH compliant
• Operating temperature up to 125°C*
• Laser Marked (optional)

APPLICATIONS
• Cellular Base Station Equipments
• Broadband Wireless Service
• Point to Point / Multipoint Radios
• RF Generators (NMR…)




Similar Part No. - 102SHF100AS6LE

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
102S1HB04 ASHCROFT-102S1HB04 Datasheet
1Mb / 3P
Acid Leak Detection (ALD) Assembly
RevF_03-23-22
102S1HB1A ASHCROFT-102S1HB1A Datasheet
1Mb / 3P
Acid Leak Detection (ALD) Assembly
RevF_03-23-22
102S1HB1B ASHCROFT-102S1HB1B Datasheet
1Mb / 3P
Acid Leak Detection (ALD) Assembly
RevF_03-23-22
102S1HB1C ASHCROFT-102S1HB1C Datasheet
1Mb / 3P
Acid Leak Detection (ALD) Assembly
RevF_03-23-22
102S1HB1D ASHCROFT-102S1HB1D Datasheet
1Mb / 3P
Acid Leak Detection (ALD) Assembly
RevF_03-23-22
More results


Similar Description - 102SHF100AS6LE

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5S3Z2C1P OPTOSUPPLY-OSB5S3Z2C1P Datasheet
100Kb / 1P
Super Flux Super Blue LED
OSB5SAZ2C1D OPTOSUPPLY-OSB5SAZ2C1D Datasheet
102Kb / 1P
Super Flux Super Blue LED
OSB5SAZ3K1D OPTOSUPPLY-OSB5SAZ3K1D Datasheet
98Kb / 1P
Super Flux Super Blue LED
OSO5SAZ2C1D OPTOSUPPLY-OSO5SAZ2C1D Datasheet
101Kb / 1P
Super Flux Super Orange LED
OSO5SAZ3K1D OPTOSUPPLY-OSO5SAZ3K1D Datasheet
98Kb / 1P
Super Flux Super Orange LED
OSO5SAZ161D OPTOSUPPLY-OSO5SAZ161D Datasheet
105Kb / 1P
Super Flux Super Orange LED
OSB56LZ4E1D OPTOSUPPLY-OSB56LZ4E1D Datasheet
153Kb / 1P
Super Flux Super Blue LED
OSB56LZ2C1D OPTOSUPPLY-OSB56LZ2C1D_11 Datasheet
112Kb / 1P
Super Flux Super Blue LED
logo
Kemet Corporation
CBR02C330F9GAC KEMET-CBR02C330F9GAC_16 Datasheet
1Mb / 18P
HiQ-CBR Series, C0G Dielectric, Low ESR 6.3 - 500 VDC, 1 MHz - 50 GHz (RF & Microwave)
CBR04C330F5GACAUTO KEMET-CBR04C330F5GACAUTO Datasheet
999Kb / 15P
HiQ-CBR Automotive Series, C0G Dielectric, Low ESR, 50 VDC, 1 MHz – 50 GHz (RF & Microwave)
6/28/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com