Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1924334 Datasheet (PDF) - PHOENIX CONTACT

1924334 Datasheet PDF - PHOENIX CONTACT
Part # 1924334
Download  1924334 Download
File Size   344.85 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MSTBVA 2,5 HC/ 5-G-5,08

1924334 Datasheet (PDF)

Go To PDF Page Download Datasheet
1924334 Datasheet PDF - PHOENIX CONTACT

Part # 1924334
Download  1924334 Click to download

File Size   344.85 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MSTBVA 2,5 HC/ 5-G-5,08

1924334 Datasheet (HTML) - PHOENIX CONTACT


1924334 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A (see derating
curve), rated voltage (III/2): 320 V, contact surface: Tin, type of contact: Male connector, number
of potentials: 5, number of rows: 1, number of positions: 5, number of connections: 5, product
range: MSTBVA 2,5 HC/..-G, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear
pinning, solder pin [P]: 3.9 mm, number of solder pins per potential: 1, plug-in system:
COMBICON MSTB 2,5 HC, Pin connector pattern alignment: Standard, locking: without,
mounting: without, type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Vertical connection enables multi-row arrangement on the PCB
• Closed contour for optimum stability of the plug-in connection




Similar Part No. - 1924334

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
19243 FESTO-19243 Datasheet
81Kb / 2P
ISO cylinder
logo
DESCO INDUSTRIES INC
19243 DESCO-19243 Datasheet
3Mb / 7P
Wave Distortion Monitor Verification Tester Operation Instructions
August 2017
logo
PHOENIX CONTACT
1924305 PHOENIX-1924305 Datasheet
341Kb / 11P
PCB header - MSTBVA 2,5 HC/ 2-G-5,08
Jan 3, 2023
1924318 PHOENIX-1924318 Datasheet
341Kb / 11P
PCB header - MSTBVA 2,5 HC/ 3-G-5,08
Dec 30, 2022
1924321 PHOENIX-1924321 Datasheet
439Kb / 13P
PCB header - MSTBVA 2,5 HC/ 4-G-5,08
Sep 8, 2022
More results


Similar Description - 1924334

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1924347 PHOENIX-1924347 Datasheet
159Kb / 8P
Feed-through header - MSTBVA 2,5 HC/ 6-G-5,08
1924305 PHOENIX-1924305 Datasheet
341Kb / 11P
PCB header - MSTBVA 2,5 HC/ 2-G-5,08
Jan 3, 2023
1924318 PHOENIX-1924318 Datasheet
341Kb / 11P
PCB header - MSTBVA 2,5 HC/ 3-G-5,08
Dec 30, 2022
1924321 PHOENIX-1924321 Datasheet
439Kb / 13P
PCB header - MSTBVA 2,5 HC/ 4-G-5,08
Sep 8, 2022
1924402 PHOENIX-1924402 Datasheet
341Kb / 11P
PCB header - MSTBVA 2,5 HC/12-G-5,08
Jan 3, 2023
1936050 PHOENIX-1936050 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/ 6-G-5,08-RN
Jan 3, 2023
1936089 PHOENIX-1936089 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/ 9-G-5,08-RN
Jan 10, 2023
1924198 PHOENIX-1924198 Datasheet
359Kb / 11P
PCB header - MSTBVA 2,5 HC/ 2-G
1924376 PHOENIX-1924376 Datasheet
344Kb / 11P
PCB header - MSTBVA 2,5 HC/ 9-G-5,08
1924392 PHOENIX-1924392 Datasheet
415Kb / 13P
MSTBVA 2,5 HC/11-G-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com