Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8622S Datasheet (PDF) - Analog Devices

LT8622S Datasheet PDF - Analog Devices
Part # LT8622S
Download  LT8622S Download
File Size   204.81 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18V, 2A/4A Step-Down Silent Switcher 3 with Ultralow Noise Reference

LT8622S Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8622S Datasheet PDF - Analog Devices

Part # LT8622S
Download  LT8622S Click to download

File Size   204.81 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18V, 2A/4A Step-Down Silent Switcher 3 with Ultralow Noise Reference

LT8622S Datasheet (HTML) - Analog Devices


LT8622S Product details

FEATURES
 Silent Switcher®3 Architecture
 Ultralow RMS Noise (10Hz to 100kHz): 4μVRMS
 Ultralow Spot Noise: 4nV/√Hz at 10kHz
 Ultralow EMI Emissions on Any PCB
 Internal Bypass Capacitors Reduce Radiated
EMI
 High Efficiency at High Frequency
 Ultrafast Transient Response with High Gain
Error Amplifier
 Input Voltage Range: 2.7V to 18V
 Output Voltage Range: 0V to (PVIN - 0.5V)
 2A/4A Maximum Continuous Output Current
 Fast Minimum Switch On-Time: 12ns
 Precision Current Reference: 100μA ± 0.8%
Over Temperature
 Differential Remote Sense Ensures Accuracy
Over Load
 PolyPhase® Operation: Up to 12 Phases
 Forced Continuous Mode Capability
 Adjustable and Synchronizable: 300kHz to 6MHz
 Programmable Power Good
 Small 20-Lead 4mm x 3mm LQFN Package

APPLICATIONS
 RF Power Supplies: PLLs, VCOs, Mixers, LNAs, PAs
 High Speed/High Precision ADCs/DACs
 Low Noise Instrumentation




Similar Part No. - LT8622S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8622S AD-LT8622S Datasheet
1Mb / 45P
18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
Rev. A
LT8622S AD-LT8622S Datasheet
1Mb / 44P
18V, 3A/5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
Rev. B
LT8622S AD-LT8622S Datasheet
1Mb / 44P
42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
Rev. 0
More results


Similar Description - LT8622S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54495 TI1-TPS54495 Datasheet
932Kb / 23P
4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
logo
Linear Technology
LT8614 LINER-LT8614_15 Datasheet
511Kb / 24P
42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
logo
Texas Instruments
TPS54494 TI-TPS54494_15 Datasheet
1Mb / 30P
4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI1-TPS54495_16 Datasheet
990Kb / 23P
4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
logo
Linear Technology
LT8614 LINER-LT8614 Datasheet
252Kb / 6P
42V, 4A Micropower Synchronous Step-Down Silent Switcher
LT8642S LINER-LT8642S Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LT8650S-1 AD-LT8650S-1 Datasheet
1Mb / 32P
Dual Channel 4A, 42V, Synchronous Step-Down Silent Switcher
LT3935 AD-LT3935 Datasheet
1Mb / 22P
36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
EVAL-LT8376-AZ AD-EVAL-LT8376-AZ Datasheet
1Mb / 10P
60V, 2A Silent Switcher Synchronous Step-Down LED Driver
Rev 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com