Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3543A Datasheet (PDF) - Toshiba Semiconductor

TLP3543A Datasheet PDF - Toshiba Semiconductor
Part # TLP3543A
Download  TLP3543A Download
File Size   435.38 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Photorelay

TLP3543A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3543A Datasheet PDF - Toshiba Semiconductor

Part # TLP3543A
Download  TLP3543A Click to download

File Size   435.38 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers Photorelay

TLP3543A Datasheet (HTML) - Toshiba Semiconductor


TLP3543A Product details

Applications
• Mechanical relay replacements
• Heating, ventilation and air conditioning (HVAC)
• Security Systems
• Factory Automation (FA)
• Measuring Instruments

General
The TLP3543A and TLP3543AF photorelay consist of a photo MOSFET optically coupled to an infrared LED. It
is housed in a 6-pin DIP package. The low ON-state resistance and the high permissible ON-state current of the
TLP3543A and TLP3543AF make it suitable for power line control applications.

Features
(1) Normally opened (1-Form-A)
(2) OFF-state output terminal voltage: 30 V (min)
(3) Trigger LED current: 3 mA (max)
(4) ON-state current: 5 A (max) (A connection)
(5) ON-state resistance: 40 mΩ (max) (A connection)
(6) Isolation voltage: 2500 Vrms (min)
(7) Safety standards
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
UL-recognized: UL 508, File No.E499232 (Note 1)
VDE-approved: EN 60747-5-5 (Note 2)




Similar Part No. - TLP3543A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3543 TOSHIBA-TLP3543 Datasheet
173Kb / 9P
Photocouplers Photorelay
More results


Similar Description - TLP3543A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP171D TOSHIBA-TLP171D Datasheet
219Kb / 7P
Photocouplers Photorelay
2019-10-11 Rev.4.0
TLP172GM TOSHIBA-TLP172GM Datasheet
303Kb / 11P
Photocouplers Photorelay
2021-05-28 Rev.10.0
TLP223GA TOSHIBA-TLP223GA Datasheet
597Kb / 18P
Photocouplers Photorelay
2022-02-02 Rev.4.0
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP3109A TOSHIBA-TLP3109A Datasheet
314Kb / 10P
Photocouplers Photorelay
2022-04-12 Rev.3.0
TLP3146 TOSHIBA-TLP3146 Datasheet
322Kb / 8P
Photocouplers Photorelay
2018-06-28 Rev.1.0
TLP3407SRA4 TOSHIBA-TLP3407SRA4 Datasheet
545Kb / 12P
Photocouplers Photorelay
2021-09-10 Rev.1.0
TLP3419 TOSHIBA-TLP3419 Datasheet
300Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3420 TOSHIBA-TLP3420 Datasheet
301Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3451 TOSHIBA-TLP3451 Datasheet
295Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com