Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2405S/D-2W Datasheet (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

A2405S/D-2W Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
Part # A2405S/D-2W
Download  A2405S/D-2W Download
File Size   1342.11 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description 1600VDC Isolated 2W Double Output SIP/DIP-Package

A2405S/D-2W Datasheet (PDF)

Go To PDF Page Download Datasheet
A2405S/D-2W Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

Part # A2405S/D-2W
Download  A2405S/D-2W Click to download

File Size   1342.11 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description 1600VDC Isolated 2W Double Output SIP/DIP-Package

A2405S/D-2W Datasheet (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd


A2405S/D-2W Product details

Features
RoHS compliant
Efficiency up to 83%
1.6kVDC Isolation
Double output
Short circuit protection( Suffix“R2”only SIP,optional)
Industry standard required
Wide temperature performance at full
2 Watt load,-40℃ to 85℃




Similar Part No. - A2405S/D-2W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A2405S-1W MORNSUN-A2405S-1W Datasheet
149Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
A2405S-1WR MORNSUN-A2405S-1WR Datasheet
297Kb / 3P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
A2405S-1WR2 MORNSUN-A2405S-1WR2 Datasheet
334Kb / 5P
DC/DC Converter
A2405S-1WR3 MORNSUN-A2405S-1WR3 Datasheet
1Mb / 5P
DC/DC Converter
2021.12.27-A/2
A2405S-2W MORNSUN-A2405S-2W Datasheet
183Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results


Similar Description - A2405S/D-2W

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
B0303S-1W REICU-B0303S-1W Datasheet
3Mb / 1P
1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
B0303S-2W REICU-B0303S-2W Datasheet
4Mb / 1P
1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
D050505S-1W REICU-D050505S-1W Datasheet
2Mb / 1P
1600VDC Isolated 1W Double Output SIP-Package
REV:3.1
D050505S-2W REICU-D050505S-2W Datasheet
1Mb / 1P
1600VDC Isolated 2W Double Output SIP-Package
REV:3.1
E0505S-2W REICU-E0505S-2W Datasheet
800Kb / 1P
3000VDC Isolated 2W Double Output SIP/DIP-Package
REV:3.1
IA0505S-1W REICU-IA0505S-1W Datasheet
2Mb / 1P
1600VDC Isolated 1W Double Output SIP-Package
REV:3.1
IA0505S-2W REICU-IA0505S-2W Datasheet
2Mb / 1P
1600VDC Isolated 2W Double Output SIP-Package
REV:3.1
IB0505LS-1W REICU-IB0505LS-1W Datasheet
3Mb / 1P
1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
IB0505S-2W REICU-IB0505S-2W Datasheet
2Mb / 1P
1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
WRB0505S-2W REICU-WRB0505S-2W Datasheet
1Mb / 1P
1600VDC Isolated 2W Single/Double Output SIP-Package
REV:3.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com