Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1224D-2W Datasheet (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

B1224D-2W Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
Part # B1224D-2W
Download  B1224D-2W Download
File Size   4483.34 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description 1600VDC Isolated 2W Single Output SIP/DIP-Package

B1224D-2W Datasheet (PDF)

Go To PDF Page Download Datasheet
B1224D-2W Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

Part # B1224D-2W
Download  B1224D-2W Click to download

File Size   4483.34 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description 1600VDC Isolated 2W Single Output SIP/DIP-Package

B1224D-2W Datasheet (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd


B1224D-2W Product details

Features
• RoHS compliant
• Efficiency up to 83%
• 1.6kVDC Isolation
• Single output
• Short circuit protection ( Suffix "R2" only SIP,optional)
• Industry standard required
• Wide temperature performance at full 2 Watt load, -40°C to 85°C




Similar Part No. - B1224D-2W

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
B1224D-1W REICU-B1224D-1W Datasheet
3Mb / 1P
1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
B1224D-1WR2 REICU-B1224D-1WR2 Datasheet
3Mb / 1P
1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B1224D-1WR3 MORNSUN-B1224D-1WR3 Datasheet
1Mb / 5P
1W isolated DC-DC converter Fixed input voltage, unregulated single output
2022.01.14-A/2
logo
Guangzhou Reicu Electro...
B1224D-W5 REICU-B1224D-W5 Datasheet
3Mb / 1P
1600VDC Isolated 0.5W Single Output SIP/DIP-Package
REV:3.1
B1224D-W5R2 REICU-B1224D-W5R2 Datasheet
3Mb / 1P
1600VDC Isolated 0.5W Single Output SIP/DIP-Package
REV:3.1
More results


Similar Description - B1224D-2W

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
A0505S-2W REICU-A0505S-2W Datasheet
1Mb / 1P
1600VDC Isolated 2W Double Output SIP/DIP-Package
REV:3.1
B0303LS-1W REICU-B0303LS-1W Datasheet
2Mb / 1P
1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
B0303S-1W REICU-B0303S-1W Datasheet
3Mb / 1P
1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
B0303S-W5 REICU-B0303S-W5 Datasheet
3Mb / 1P
1600VDC Isolated 0.5W Single Output SIP/DIP-Package
REV:3.1
D050505S-2W REICU-D050505S-2W Datasheet
1Mb / 1P
1600VDC Isolated 2W Double Output SIP-Package
REV:3.1
IA0505S-2W REICU-IA0505S-2W Datasheet
2Mb / 1P
1600VDC Isolated 2W Double Output SIP-Package
REV:3.1
IB0505LS-1W REICU-IB0505LS-1W Datasheet
3Mb / 1P
1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
IB0505LS-W75 REICU-IB0505LS-W75 Datasheet
3Mb / 1P
1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
IB0505S-2W REICU-IB0505S-2W Datasheet
2Mb / 1P
1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
WRB0505S-2W REICU-WRB0505S-2W Datasheet
1Mb / 1P
1600VDC Isolated 2W Single/Double Output SIP-Package
REV:3.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com