Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDF5-48S09 Datasheet (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

DDF5-48S09 Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
Part # DDF5-48S09
Download  DDF5-48S09 Download
File Size   1096.52 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description DC/DC CONVERTER

DDF5-48S09 Datasheet (PDF)

Go To PDF Page Download Datasheet
DDF5-48S09 Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

Part # DDF5-48S09
Download  DDF5-48S09 Click to download

File Size   1096.52 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description DC/DC CONVERTER

DDF5-48S09 Datasheet (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd


DDF5-48S09 Product details

Features
Efficiency up to 82%
1500VDC Isolation
Singl/Double output
Wide temperature -40℃ to 85℃
Wide input voltage range
Continous short circuit protection
Low ripple and noise
Over load protection




Similar Part No. - DDF5-48S09

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
DDF5311 APITECH-DDF5311 Datasheet
1Mb / 1P
FIVE & SIX CHANNEL HIGH SPEED DRIVERS
DDF5311 APITECH-DDF5311 Datasheet
1Mb / 1P
FIVE & SIX CHANNEL HIGH SPEED DRIVERS
DDF5311 APITECH-DDF5311 Datasheet
279Kb / 6P
PIN Diode Drivers
DDF5311 APITECH-DDF5311 Datasheet
279Kb / 6P
PIN Diode Drivers
DDF5311 APITECH-DDF5311 Datasheet
279Kb / 6P
PIN Diode Drivers
More results


Similar Description - DDF5-48S09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com