Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16245 Datasheet (PDF) - NXP Semiconductors

AC16245 Datasheet PDF - NXP Semiconductors
Part # AC16245
Download  AC16245 Download
File Size   91.59 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5V/3.3V 16-bit bus transceiver with direction pin 3-State

AC16245 Datasheet (PDF)

Go To PDF Page Download Datasheet
AC16245 Datasheet PDF - NXP Semiconductors

Part # AC16245
Download  AC16245 Click to download

File Size   91.59 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5V/3.3V 16-bit bus transceiver with direction pin 3-State

AC16245 Datasheet (HTML) - NXP Semiconductors


AC16245 Product details

DESCRIPTION

The 74ALVC16245(74ALVCH16245) is a 16-bit transceiver featuring non-inverting 3-State bus compatible outputs in both send and receive directions.

The 74ALVC16245(74ALVCH16245) features two output enable (nOE) inputs for easy cascading and two send/receive (nDIR) inputs for direction control. nOE controls the outputs so that the buses are effectively isolated. This device can be used as two 8-bit transceivers or one 16-bit transceiver.

The 74ALVCH16245 has active bus hold circuitry which is provided to hold unused or floating data inputs at a valid logic level. This feature eliminates the need for external pull-up or pull-down resistors.

The 74ALVC16245 has 5V tolerant inputs.



FEATURES

• Wide supply voltage range of 1.2V to 3.6V

• Complies with JEDEC standard no. 8-1A

• CMOS low power consumption

• MULTIBYTETM flow-through standard pin-out architecture

• Low inductance multiple VCC and ground pins for minimum noise and ground bounce

• Direct interface with TTL levels

• All data inputs have bus hold (74ALVCH16245 only)

• Output drive capability 50Ω transmission lines @ 85°C

• Current drive ±24 mA at 3.0 V



 




Similar Part No. - AC16245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AC16244DGG PHILIPS-AC16244DGG Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
AC16244DL PHILIPS-AC16244DL Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
More results


Similar Description - AC16245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16646 PHILIPS-74ALVT16646 Datasheet
106Kb / 15P
2.5V/3.3V 16-bus transceiver 3-State
1998 Feb 13
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com