Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2290 Datasheet (PDF) - Dallas Semiconductor

DS2290 Datasheet PDF - Dallas Semiconductor
Part # DS2290
Download  DS2290 Download
File Size   104.64 Kbytes
Page   9 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description T1 Isolation Stik

DS2290 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2290 Datasheet PDF - Dallas Semiconductor

Part # DS2290
Download  DS2290 Click to download

File Size   104.64 Kbytes
Page   9 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description T1 Isolation Stik

DS2290 Datasheet (HTML) - Dallas Semiconductor


DS2290 Product details

DESCRIPTION
The DS2290 T1 Isolation Stik provides all the surge and isolation protection that is necessary to connect a piece of equipment to a T1 line. It offers a function similar to that provided by a Data Access Arrangement (DAA) when a modem is connected to a phone line. The DS2290 is FCC Part 68 pre–registered so the user can connect equipment to T1 lines without any further testing or qualification. It contains onboard waveshaping circuitry that creates transmit pulses meeting the latest T1 specifications including TR 62411 (Accunet* T1.5 Service Description and Interface Specifications, – December 1990) and T1.403–1989 (Carrier to Carrier Installation – DS1 Metallic Interface). Applications include Channel Service Units and similar equipment that requires a fully protected interface.

FEATURES
• Protected interface for connecting equipment to T1 lines
• Provides 800 volts of surge protection and 1500 volts of isolation
• FCC Part 68 registered
• Meets TR 62411 and T1.403–1989 for transmit pulse characteristics
• Line build outs of 0, –7.5, and –15 dB
• Companion to the DS2291 T1 Long Loop Stik
• Connects to a standard 30–pin single in–line connector
• Single +5V supply
• Compatible with the DS2180A and DS2141A T1 Tranceivers




Similar Part No. - DS2290

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS229 DALLAS-DS229 Datasheet
96Kb / 9P
Triple RS-232 Transmitter/Receiver
logo
Maxim Integrated Produc...
DS2291 MAXIM-DS2291 Datasheet
104Kb / 9P
T1 Long Loop Stik
022798
logo
Dallas Semiconductor
DS229E DALLAS-DS229E Datasheet
96Kb / 9P
Triple RS-232 Transmitter/Receiver
DS229EN DALLAS-DS229EN Datasheet
96Kb / 9P
Triple RS-232 Transmitter/Receiver
DS229N DALLAS-DS229N Datasheet
96Kb / 9P
Triple RS-232 Transmitter/Receiver
More results


Similar Description - DS2290

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2282 DALLAS-DS2282 Datasheet
192Kb / 22P
T1 FDL Controller/Monitor Stik
DS9072 DALLAS-DS9072 Datasheet
19Kb / 1P
SIP Stik Connectors
logo
Maxim Integrated Produc...
DS9072 MAXIM-DS9072 Datasheet
29Kb / 1P
SIP Stik Connectors
Rev: 053107
logo
PCA ELECTRONICS INC.
EPR1097SE PCA-EPR1097SE Datasheet
20Kb / 1P
T1/E1 Isolation Transformer
logo
XFMRS Inc.
XF0013B24 XFMRS-XF0013B24_10 Datasheet
45Kb / 1P
SMD T1/E1 ISOLATION MODULE
X013B19 XFMRS-X013B19_15 Datasheet
59Kb / 1P
SMD T1/E1 ISOLATION MODULE
XF0013B23 XFMRS-XF0013B23_15 Datasheet
55Kb / 1P
SDM T1/E1 ISOLATION MODULE
XF0013B23A XFMRS-XF0013B23A_15 Datasheet
59Kb / 1P
SMD T1/E1 ISOLATION MODULE
XF0013B24B XFMRS-XF0013B24B_15 Datasheet
55Kb / 1P
SMD T1/E1 ISOLATION MODULE
logo
Maxim Integrated Produc...
DS2291 MAXIM-DS2291 Datasheet
104Kb / 9P
T1 Long Loop Stik
022798
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com