Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HP2816 Datasheet (PDF) - Kyocera Kinseki Corpotation

HP2816 Datasheet PDF - Kyocera Kinseki Corpotation
Part # HP2816
Download  HP2816 Download
File Size   385.44 Kbytes
Page   3 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description Thin-Film RF/Microwave Filters

HP2816 Datasheet (PDF)

Go To PDF Page Download Datasheet
HP2816 Datasheet PDF - Kyocera Kinseki Corpotation

Part # HP2816
Download  HP2816 Click to download

File Size   385.44 Kbytes
Page   3 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description Thin-Film RF/Microwave Filters

HP2816 Datasheet (HTML) - Kyocera Kinseki Corpotation


HP2816 Product details

FEATURES
• Small size: 7x4x1.2mm (LxWxT)
• Frequency: 1000MHz
• Steep attenuation
• Characteristic impedance: 50
• Operating / Storage temp: -40°C ÷ +85°C
• Low profile
• Rugged construction
• Taped and reeled
• RoHS compliant

APPLICATIONS
• Mobile communications
• Satellite TV receivers
• GPS
• Vehicle location systems
• Wireless LAN’s




Similar Part No. - HP2816

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HP283R3SWES IRF-HP283R3SWES Datasheet
194Kb / 12P
HYBRID - HIGH RELIABILITY DC/DC CONVERTER
More results


Similar Description - HP2816

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04023J1R1ABSTR AVX-04023J1R1ABSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J1R2ABSTR AVX-04023J1R2ABSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J1R3ABWTR AVX-04023J1R3ABWTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J1R7ABSTR AVX-04023J1R7ABSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J1R9ABWTR AVX-04023J1R9ABWTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J2R1BBSTR AVX-04023J2R1BBSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J2R6BBSTR AVX-04023J2R6BBSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J2R8BBSTR AVX-04023J2R8BBSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J2R9BBWTR AVX-04023J2R9BBWTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
logo
Kyocera Kinseki Corpota...
HP0805 KSS-HP0805 Datasheet
550Kb / 6P
Thin-Film RF/Microwave Filters
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com