Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMS20.. Datasheet (PDF) - Vishay Siliconix

VLMS20.. Datasheet PDF - Vishay Siliconix
Part # VLMS20..
Download  VLMS20.. Download
File Size   347.37 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Current Mini SMD LED

VLMS20.. Datasheet (PDF)

Go To PDF Page Download Datasheet
VLMS20.. Datasheet PDF - Vishay Siliconix

Part # VLMS20..
Download  VLMS20.. Click to download

File Size   347.37 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Current Mini SMD LED

VLMS20.. Datasheet (HTML) - Vishay Siliconix


VLMS20.. Product details

DESCRIPTION
The new low current MiniLED Series have been designed in
a small white SMT package. The feature of the device is the
very small package 2.3 mm x 1.3 mm x 1.4 mm and the low
forward current. The MiniLED is an obvious solution for
small-scale, high-power products that are expected to work
reliability in an arduous environment. This is often the case
in automotive and industrial application.

FEATURES
• SMD LED with exceptional brightness
• Luminous intensity categorized
• Compatible with automatic placement
equipment
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to
light pipes and backlighting
• Low power consumption
• IR reflow soldering according to J-STD-020
• Luminous intensity ratio in one packaging unit
IVmax./IVmin. ≤ 1.6
• Preconditioning according to JEDEC® level 2a
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VLMS20..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS20 VISHAY-VLMS20 Datasheet
312Kb / 11P
Low Current Mini SMD LED
28-Nov-14
VLMS20 VISHAY-VLMS20 Datasheet
350Kb / 11P
Low Current Mini SMD LED
20-Sep-2021
VLMS2000-GS08 VISHAY-VLMS2000-GS08 Datasheet
312Kb / 11P
Low Current Mini SMD LED
28-Nov-14
logo
HK TO-GRACE TECHNOLOGY ...
VLMS2000-GS08 TO-GRACE-VLMS2000-GS08 Datasheet
1Mb / 11P
Low Current Mini SMD LED
logo
Vishay Siliconix
VLMS2000-GS08 VISHAY-VLMS2000-GS08 Datasheet
350Kb / 11P
Low Current Mini SMD LED
20-Sep-2021
More results


Similar Description - VLMS20..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMA3100 VISHAY-TLMA3100 Datasheet
77Kb / 6P
Low Current SMD LED
04-Feb-99
TLMC3100 VISHAY-TLMC3100 Datasheet
58Kb / 6P
Low Current SMD LED
06-Jun-00
TLMC3101 VISHAY-TLMC3101 Datasheet
78Kb / 6P
Low Current SMD LED
04-Feb-99
TLMT3100 VISHAY-TLMT3100 Datasheet
78Kb / 6P
Low Current SMD LED
04-Feb-99
VLMS3000-GS08 VISHAY-VLMS3000-GS08 Datasheet
158Kb / 9P
Low Current SMD LED
VLMS20 VISHAY-VLMS20 Datasheet
312Kb / 11P
Low Current Mini SMD LED
28-Nov-14
logo
HK TO-GRACE TECHNOLOGY ...
TLMO1000 TO-GRACE-TLMO1000 Datasheet
824Kb / 11P
Low Current 0603 SMD LED
VLMS2000-GS08 TO-GRACE-VLMS2000-GS08 Datasheet
1Mb / 11P
Low Current Mini SMD LED
VLMY10J2K2-4 TO-GRACE-VLMY10J2K2-4 Datasheet
736Kb / 8P
Low Current 0603 SMD LED
logo
Vishay Siliconix
VLMS20 VISHAY-VLMS20_V01 Datasheet
350Kb / 11P
Low Current Mini SMD LED
20-Sep-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com