Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMU3100 Datasheet (PDF) - Vishay Siliconix

VLMU3100 Datasheet PDF - Vishay Siliconix
Part # VLMU3100
Download  VLMU3100 Download
File Size   336.24 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description UV SMD LED PLCC-2

VLMU3100 Datasheet (PDF)

Go To PDF Page Download Datasheet
VLMU3100 Datasheet PDF - Vishay Siliconix

Part # VLMU3100
Download  VLMU3100 Click to download

File Size   336.24 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description UV SMD LED PLCC-2

VLMU3100 Datasheet (HTML) - Vishay Siliconix


VLMU3100 Product details

DESCRIPTION
The package of the VLMU3100 series is the PLCC-2.
It consists of a lead frame which is embedded in a
white thermoplast. The reflector inside this package is filled
up with clear silicone which guarantees long life time.
The viewing angle is 120°, package dimensions are
3.2 mm x 2.8 mm x 1.9 mm.

FEATURES
• UV SMD LED with exceptional brightness
• High efficient InGaN technology
• Long life time due to silicone casting
• Compatible with automatic placement
equipment
• EIA and ICE standard package
• Compatible with IR reflow and vapor phase
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to light pipes and
backlighting
• Low power consumption
• Preconditioning according to JEDEC® level 2a
• ESD-withstand voltage: up to 1 kV according to
JESD22-A114-B
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VLMU3100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMU3100 VISHAY-VLMU3100 Datasheet
293Kb / 5P
UV SMD LED PLCC-2
24-Jul-12
VLMU3100 VISHAY-VLMU3100 Datasheet
336Kb / 6P
UV SMD LED PLCC-2
26-Jun-17
VLMU3100 VISHAY-VLMU3100_V01 Datasheet
336Kb / 6P
UV SMD LED PLCC-2
26-Jun-17
More results


Similar Description - VLMU3100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
Standard SMD LED PLCC-2
23-Oct-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
Standard SMD LED PLCC-2
06-Sep-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
Standard SMD LED PLCC-2
31-Aug-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
Standard SMD LED PLCC-2
16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
Standard SMD LED PLCC-2
28-Feb-07
VLMPG33N1P2 VISHAY-VLMPG33N1P2 Datasheet
195Kb / 9P
Power SMD LED PLCC-2
10-Sep-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
Standard SMD LED PLCC-2
30-Aug-07
VLMU3100 VISHAY-VLMU3100 Datasheet
293Kb / 5P
UV SMD LED PLCC-2
24-Jul-12
VLMU3100 VISHAY-VLMU3100_V01 Datasheet
336Kb / 6P
UV SMD LED PLCC-2
26-Jun-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com