Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMW33 Datasheet (PDF) - Vishay Siliconix

VLMW33 Datasheet PDF - Vishay Siliconix
Part # VLMW33
Download  VLMW33 Download
File Size   233.61 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power SMD LED PLCC-2

VLMW33 Datasheet (PDF)

Go To PDF Page Download Datasheet
VLMW33 Datasheet PDF - Vishay Siliconix

Part # VLMW33
Download  VLMW33 Click to download

File Size   233.61 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power SMD LED PLCC-2

VLMW33 Datasheet (HTML) - Vishay Siliconix


VLMW33 Product details

DESCRIPTION
This device has been designed to meet the increasing
demand for white SMD LED.
The package of the VLMW33.. is the PLCC-2.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled with a
mixture of epoxy and TAG phosphor.
The TAG phosphor converts the blue emission partially to
yellow, which mixes with the remaining blue to give white.

FEATURES
• High efficient InGaN technology
• Chromaticity coordinate categorized according
to CIE1931 per packing unit
• Typical color temperature 5500 K
• ESD-withstand voltage: up to 1 kV according to
JESD22-A114-B
• EIA and ICE standard package
• Compatible with IR-reflow, vapor phase and
wave solder processes according to
CECC 00802 and J-STD-020
• Available in 8 mm tape reel
• Preconditioning according to JEDEC® level 2a
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VLMW33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW33 VISHAY-VLMW33 Datasheet
205Kb / 8P
Chromaticity coordinate categorized according to CIE1931 per packing unit
03-Nov-15
VLMW33 VISHAY-VLMW33 Datasheet
215Kb / 8P
Power SMD LED PLCC-2
23-Sep-2021
logo
HK TO-GRACE TECHNOLOGY ...
VLMW33S2V1 TO-GRACE-VLMW33S2V1 Datasheet
671Kb / 8P
Power SMD LED PLCC-2
logo
Vishay Siliconix
VLMW33S2V1-5K8L-08 VISHAY-VLMW33S2V1-5K8L-08 Datasheet
175Kb / 10P
Power SMD LED PLCC-2
25-Oct-07
VLMW33S2V1-5K8L-08 VISHAY-VLMW33S2V1-5K8L-08 Datasheet
205Kb / 8P
Chromaticity coordinate categorized according to CIE1931 per packing unit
03-Nov-15
More results


Similar Description - VLMW33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMPG33N1P2 VISHAY-VLMPG33N1P2 Datasheet
195Kb / 9P
Power SMD LED PLCC-2
10-Sep-07
VLMS333T2V2-GS08 VISHAY-VLMS333T2V2-GS08 Datasheet
1Mb / 8P
Power SMD LED PLCC-2
30-Apr-13
VLMS333 VISHAY-VLMS333 Datasheet
231Kb / 9P
Power SMD LED PLCC-2
24-Sep-13
VLMS334 VISHAY-VLMS334 Datasheet
266Kb / 8P
Power SMD LED PLCC-2
07-Mar-17
logo
HK TO-GRACE TECHNOLOGY ...
VLMW33S2V1-5K8L-08 TO-GRACE-VLMW33S2V1-5K8L-08 Datasheet
671Kb / 8P
Power SMD LED PLCC-2
VLMK33Q2T1-GS08 TO-GRACE-VLMK33Q2T1-GS08 Datasheet
792Kb / 8P
Power SMD LED PLCC-2
VLMPG33N1P2 TO-GRACE-VLMPG33N1P2 Datasheet
851Kb / 8P
Power SMD LED PLCC-2
logo
Vishay Siliconix
VLM33 VISHAY-VLM33_V01 Datasheet
249Kb / 11P
Power SMD LED PLCC-2
24-Sep-2021
VLMY333 VISHAY-VLMY333_V01 Datasheet
273Kb / 9P
Power SMD LED PLCC-2
24-Sep-2021
VLMY335 VISHAY-VLMY335_V02 Datasheet
261Kb / 9P
Power SMD LED PLCC-2
14-Sep-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com