Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLRYG31 Datasheet (PDF) - Vishay Siliconix

VLRYG31 Datasheet PDF - Vishay Siliconix
Part # VLRYG31
Download  VLRYG31 Download
File Size   250.68 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Reverse Gullwing SMD LED Yellow

VLRYG31 Datasheet (PDF)

Go To PDF Page Download Datasheet
VLRYG31 Datasheet PDF - Vishay Siliconix

Part # VLRYG31
Download  VLRYG31 Click to download

File Size   250.68 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Reverse Gullwing SMD LED Yellow

VLRYG31 Datasheet (HTML) - Vishay Siliconix


VLRYG31 Product details

DESCRIPTION
This device has been designed to meet the increasing
demand for AlInGaP technology.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled up
with clear epoxy.
LED is mounted top down and emits through the PCB.

FEATURES
• SMD LED with exceptional brightness
• Luminous intensity categorized
• Compatible with automatic placement
equipment
• EIA and ICE standard package
• Compatible with IR reflow, vapor phase
and wave solder processes according to
CECC 00802 and J-STD-020C
• Available in 12 mm tape
• Low profile package
• Non-diffused lens: Excellent for coupling to light pipes and
backlighting
• Low power consumption
• Luminous intensity ratio in one packaging unit
IVmax./IVmin. > 1.6
• Preconditioning according to JEDEC® level 2
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VLRYG31

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLRYG31P1Q2-GS08 VISHAY-VLRYG31P1Q2-GS08 Datasheet
250Kb / 8P
Reverse Gullwing SMD LED Yellow
03-May-2021
VLRYG31Q1R2-GS08 VISHAY-VLRYG31Q1R2-GS08 Datasheet
250Kb / 8P
Reverse Gullwing SMD LED Yellow
03-May-2021
More results


Similar Description - VLRYG31

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLRK31R1R2-GS18 VISHAY-VLRK31R1R2-GS18 Datasheet
265Kb / 8P
Reverse Gullwing SMD LED Red
22-May-13
VLRE31 VISHAY-VLRE31 Datasheet
231Kb / 9P
Reverse Gullwing SMD LED Yellow
22-May-13
logo
HK TO-GRACE TECHNOLOGY ...
VLRE31R1S2 TO-GRACE-VLRE31R1S2 Datasheet
1Mb / 9P
Reverse Gullwing SMD LED Yellow
VLRK31R1S2 TO-GRACE-VLRK31R1S2 Datasheet
1,023Kb / 8P
Reverse Gullwing SMD LED Red
logo
Vishay Siliconix
VLRYG31P1Q2-GS08 VISHAY-VLRYG31P1Q2-GS08 Datasheet
250Kb / 8P
Reverse Gullwing SMD LED Yellow
03-May-2021
VLRK31R1S2 VISHAY-VLRK31R1S2 Datasheet
231Kb / 8P
Reverse Gullwing SMD LED Red
13-Aug-2018
VLRE31R1S2 VISHAY-VLRE31R1S2 Datasheet
232Kb / 9P
Reverse Gullwing SMD LED Yellow
23-Feb-18
VLRE31R1S2 VISHAY-VLRE31R1S2_V01 Datasheet
233Kb / 9P
Reverse Gullwing SMD LED Yellow
23-Feb-18
VLRK31R1S2 VISHAY-VLRK31R1S2_V01 Datasheet
232Kb / 8P
Reverse Gullwing SMD LED Red
13-Aug-2018
VLRE31R1S2 VISHAY-VLRE31R1S2_V02 Datasheet
253Kb / 8P
Reverse Gullwing SMD LED Yellow
14-Apr-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com