Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP6841S6 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TP6841S6 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TP6841S6
Download  TP6841S6 Download
File Size   2833.21 Kbytes
Page   9 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 40V 0.8A 800khz Synchronous Step-Dowm Converter

TP6841S6 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP6841S6 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TP6841S6
Download  TP6841S6 Click to download

File Size   2833.21 Kbytes
Page   9 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 40V 0.8A 800khz Synchronous Step-Dowm Converter

TP6841S6 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TP6841S6 Product details

General Description
TPBBA1S6 is current mode manoitic buck swiching
teguiator. Operaing vith an nput range of 4 5V~40V, the
TPB41S6 defvers B00MA of coninuous output curent i
Wo inlegrated N.Channel MOSFETs. The intemal
synchvonous pover svches provide hgh eficiency witiout
he use of an extemal Schotky diode. AL Ight loads, the
requator operates i lowfequency fo maintan high
eficency and low oupul rpple. Curent mode contral
provies tght load transien responsa and cycle by-cyce
cunentimit
The TPBB1SS guaranees robustness vith short i
prtection, hermal protecion, curent run-away protection
and nput under votage lockout
The TP684156 is avaiabie in6-pin SOTZ3-6L package.
Which provides a compact solton wih minimal exemal
companents

Features
* Distibuted Pover Systems
* Adomotve Systems
* High Voltage Pover Converton
* Industial Power Systems.
* Batiery Powered Systems




Similar Part No. - TP6841S6

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TP680 FENGJUI-TP680 Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
logo
List of Unclassifed Man...
TP6800 ETC1-TP6800 Datasheet
475Kb / 33P
DIGITAL VIDEO CAMERA CONTROLLER
logo
FENGJUI TECHNOLOGY CO.,...
TP680B FENGJUI-TP680B Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
TP681 FENGJUI-TP681 Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
logo
TECH PUBLIC Electronics...
TP6815ND6 TECHPUBLIC-TP6815ND6 Datasheet
4Mb / 7P
High Efficiency 1.2MHz, 1.5A Synchronous Step Down Regulator
More results


Similar Description - TP6841S6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
Monolithic Power System...
EV0033 MPS-EV0033 Datasheet
217Kb / 5P
1.2A, 6V, 800KHz Synchronous Rectified Step-Down Converter
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
Richtek Technology Corp...
RT7247C RICHTEK-RT7247C Datasheet
277Kb / 15P
2A, 18V, 800kHz Synchronous Step-Down Converter
RT7250A RICHTEK-RT7250A Datasheet
300Kb / 14P
2A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7252A RICHTEK-RT7252A Datasheet
360Kb / 14P
2A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7257G RICHTEK-RT7257G Datasheet
277Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
RT7297C RICHTEK-RT7297C Datasheet
289Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
logo
Linear Technology
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM8118 HMSEMI-HM8118 Datasheet
1Mb / 10P
0.8A/40V Input竊?00kHz Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com