Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDS9945 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

FDS9945 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # FDS9945
Download  FDS9945 Download
File Size   3561.93 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Dual N-Channel 60-V (D-S) MOSFET

FDS9945 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS9945 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # FDS9945
Download  FDS9945 Click to download

File Size   3561.93 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Dual N-Channel 60-V (D-S) MOSFET

FDS9945 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


FDS9945 Product details

GENERAL FEATURES
* Vos=60V,1o=6A
* Roson <36mQ @ Vos=10V.
« Rosion) <45mQ @ Vos=4.5V




Similar Part No. - FDS9945

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
60V N-Channel PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDS9945-NL VBSEMI-FDS9945-NL Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results


Similar Description - FDS9945

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
271Kb / 10P
Dual N-Channel 60-V (D-S) MOSFET
02-Mar-09
logo
Analog Power
AM7962N ANALOGPOWER-AM7962N Datasheet
69Kb / 2P
Dual N-Channel 60-V (D-S) MOSFET
AMA960N ANALOGPOWER-AMA960N Datasheet
354Kb / 5P
Dual N-Channel 60-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBK362K VBSEMI-VBK362K Datasheet
494Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
2N7002KDW VBSEMI-2N7002KDW Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
435YW VBSEMI-435YW Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
UM6K31NTN VBSEMI-UM6K31NTN Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
UM6K33NTN VBSEMI-UM6K33NTN Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
SSM6N7002BFU VBSEMI-SSM6N7002BFU Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL_V01 Datasheet
252Kb / 11P
Dual N-Channel 60 V (D-S) MOSFET
04-Aug-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com