Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLDR4901 Datasheet (PDF) - Vishay Siliconix

TLDR4901 Datasheet PDF - Vishay Siliconix
Part # TLDR4901
Download  TLDR4901 Download
File Size   110.46 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Intensity LED in Ø 3 mm Clear Package

TLDR4901 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLDR4901 Datasheet PDF - Vishay Siliconix

Part # TLDR4901
Download  TLDR4901 Click to download

File Size   110.46 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Intensity LED in Ø 3 mm Clear Package

TLDR4901 Datasheet (HTML) - Vishay Siliconix


TLDR4901 Product details

DESCRIPTION
This LED contains the double heterojunction (DH) GaAlAs on
GaAs technology.
This deep red LED can be utilized over a wide range of drive
current. It can be DC or pulse driven to achieve desired light
output.
The device is available in a clear 3 mm package.

FEATURES
• Exceptional brightness
• Very high intensity even at low drive currents
• Small viewing angle
• Low forward voltage
• 3 mm (T-1) untinted non-diffused package
• Deep red color
• Categorized for luminous intensity
• Outstanding material efficiency
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912




Similar Part No. - TLDR4901

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR4901 VISHAY-TLDR4901 Datasheet
111Kb / 5P
High Intensity LED in Ø 3 mm Clear Package
10-Dec-15
More results


Similar Description - TLDR4901

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR4900 VISHAY-TLDR4900 Datasheet
74Kb / 5P
High Intensity LED in 3 mm Clear Package
04-Feb-99
TLHE4900 VISHAY-TLHE4900 Datasheet
71Kb / 5P
High Intensity LED in 3 mm Clear Package
04-Feb-99
TLHF4900 VISHAY-TLHF4900 Datasheet
71Kb / 5P
High Intensity LED in 3 mm Clear Package
04-Feb-99
TLHK4900 VISHAY-TLHK4900 Datasheet
70Kb / 5P
High Intensity LED in 3 mm Clear Package
04-Feb-99
TLHE4900 VISHAY-TLHE4900_04 Datasheet
170Kb / 6P
High Intensity LED in ∅ 3 mm Clear Package
30-Aug-04
TLHE4900 VISHAY-TLHE4900_V01 Datasheet
111Kb / 5P
High Intensity LED in ∅ 3 mm Clear Package
20-Sep-07
TLHK4900 VISHAY-TLHK4900_V01 Datasheet
111Kb / 5P
High Intensity LED in ∅ 3 mm Clear Package
21-Sep-07
TLDR5800 VISHAY-TLDR5800_V02 Datasheet
183Kb / 6P
High Intensity LED, Ø 5 mm Clear Package
16-Mar-15
TLDR6800 VISHAY-TLDR6800 Datasheet
162Kb / 6P
High Intensity LED, Ø 5 mm Clear Package
16-Mar-15
TLHF4900 VISHAY-TLHF4900_V02 Datasheet
108Kb / 5P
High Intensity LED in Ø 3 mm Clear Package
18-Apr-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com