Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLHA44R1S2 Datasheet (PDF) - Vishay Siliconix

TLHA44R1S2 Datasheet PDF - Vishay Siliconix
Part # TLHA44R1S2
Download  TLHA44R1S2 Download
File Size   109.92 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Efficiency LED, Ø 3 mm Tinted Total Diffused Package

TLHA44R1S2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLHA44R1S2 Datasheet PDF - Vishay Siliconix

Part # TLHA44R1S2
Download  TLHA44R1S2 Click to download

File Size   109.92 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Efficiency LED, Ø 3 mm Tinted Total Diffused Package

TLHA44R1S2 Datasheet (HTML) - Vishay Siliconix


TLHA44R1S2 Product details

DESCRIPTION
The TLHA44.. series was developed for applications which
need a very wide radiation angle like backlighting, general
indicating and lighting purposes.
It is housed in a 3 mm tinted total diffused plastic package.
The wide viewing angle of these devices provides a high
on-off contrast.
All LEDs are categorized in luminous intensity groups.

FEATURES
• AlInGaP technology
• Standard Ø 3 (T-1) package
• Small mechanical tolerances
• Suitable for DC and high peak current
• Wide viewing angle
• Very high intensity
• Luminous intensity categorized
• ESD-withstand voltage: up to 2 kV HBM
according to JESD22-A114-B
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - TLHA44R1S2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHA44R1S2 VISHAY-TLHA44R1S2 Datasheet
109Kb / 5P
High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
19-Apr-17
More results


Similar Description - TLHA44R1S2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR46 VISHAY-TLHR46 Datasheet
101Kb / 8P
High Efficiency LED, 3 mm Tinted Total Diffused
04-Feb-99
TLHG4605 VISHAY-TLHG4605 Datasheet
101Kb / 8P
High Efficiency LED, 3 mm Tinted Total Diffused
04-Feb-99
TLHA44R1S2 VISHAY-TLHA44R1S2 Datasheet
109Kb / 5P
High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
19-Apr-17
TLHG44K1M2 VISHAY-TLHG44K1M2 Datasheet
111Kb / 5P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
28-Oct-2021
TLHG440 VISHAY-TLHG440_V02 Datasheet
213Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
29-Mar-2022
TLHG44K1M2 VISHAY-TLHG44K1M2_V01 Datasheet
111Kb / 5P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
28-Oct-2021
TLHG540 VISHAY-TLHG540_V02 Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHG642 VISHAY-TLHG642 Datasheet
262Kb / 8P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
30-Nov-2022
TLHY460 VISHAY-TLHY460_V02 Datasheet
185Kb / 9P
High Efficiency LED in Ø 3 mm Tinted Total Diffused Package
15-Sep-2021
TLLG542 VISHAY-TLLG542 Datasheet
195Kb / 6P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
30-Nov-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com