Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1112871 Datasheet (PDF) - PHOENIX CONTACT

1112871 Datasheet PDF - PHOENIX CONTACT
Part # 1112871
Download  1112871 Download
File Size   176.84 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Patch cable - NBC-R4ACS/0,5-93C/OE

1112871 Datasheet (PDF)

Go To PDF Page Download Datasheet
1112871 Datasheet PDF - PHOENIX CONTACT

Part # 1112871
Download  1112871 Click to download

File Size   176.84 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Patch cable - NBC-R4ACS/0,5-93C/OE

1112871 Datasheet (HTML) - PHOENIX CONTACT


1112871 Product details

Patch cable, degree of protection: IP20, cable length: 0.5 m, number of positions: 4, 100 Mbps,
CAT5, cable outlet: straight, PROFINET

Your advantages
• Perfect for industrial applications
• PUR cable for moving applications (bend)
• Worldwide approval with CE, UL, WEEE, and EAC
• Secure connection and disconnection with reliable locking clip protection
• Ideal EMC properties, thanks to 360° shielding
• Simultaneous power transmission with PoE++
• Resistant to shock and vibrations, thanks to robust molding
• High-speed data transmission with up to 100 Mbps (CAT5)




Similar Part No. - 1112871

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1112870 PHOENIX-1112870 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/2,0-93C/OE
1112872 PHOENIX-1112872 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/0,3-93C/OE
1112873 PHOENIX-1112873 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/5,0-93B/OE
1112874 PHOENIX-1112874 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/3,0-93B/OE
1112875 PHOENIX-1112875 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/2,0-93B/OE
More results


Similar Description - 1112871

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1112868 PHOENIX-1112868 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/5,0-93C/OE
1112869 PHOENIX-1112869 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/3,0-93C/OE
1112870 PHOENIX-1112870 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/2,0-93C/OE
1112872 PHOENIX-1112872 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/0,3-93C/OE
1112877 PHOENIX-1112877 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/0,5-93B/OE
1112939 PHOENIX-1112939 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/0,5-93C/R4ACS
1112940 PHOENIX-1112940 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/0,3-93C/R4ACS
1113336 PHOENIX-1113336 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/0,5-93M/OE
1112857 PHOENIX-1112857 Datasheet
221Kb / 6P
NBC-R4ACS/1,0-93C/OE - Patch cable
1113204 PHOENIX-1113204 Datasheet
230Kb / 8P
NBC-R4ACS/0,5-94F/OE - Patch cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com