Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVCH16841 Datasheet (PDF) - NXP Semiconductors

74ALVCH16841 Datasheet PDF - NXP Semiconductors
Part # 74ALVCH16841
Download  74ALVCH16841 Download
File Size   77.81 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 20-bit bus interface D-type latch 3-State

74ALVCH16841 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH16841 Datasheet PDF - NXP Semiconductors

Part # 74ALVCH16841
Download  74ALVCH16841 Click to download

File Size   77.81 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 20-bit bus interface D-type latch 3-State

74ALVCH16841 Datasheet (HTML) - NXP Semiconductors


74ALVCH16841 Product details

DESCRIPTION

The 74ALVCH16841 has two 10-bit D-type latch featuring separate D-type inputs for each latch and 3-State outputs for bus oriented applications. The two sections of each register are controlled independently by the latch enable (nLE) and output enable (nOE) control gates.



FEATURES

• Wide supply voltage range of 1.2V to 3.6V

• Complies with JEDEC standard no. 8-1A

• Wide supply voltage range of 1.2V to 3.6V

• CMOS low power consumption

• Direct interface with TTL levels

• MULTIBYTETM flow-through standard pin-out architecture

• Low inductance multiple VCC and GND pins for minimum noise and ground bounce

• Current drive ±24 mA at 3.0 V

• All inputs have bus hold circuitry

• Output drive capability 50Ω transmission lines @ 85°C

• 3-State non-inverting outputs for bus oriented applications



 




Similar Part No. - 74ALVCH16841

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH16841 NEXPERIA-74ALVCH16841 Datasheet
215Kb / 12P
20-bit bus interface D-type latch; 3-state
Rev. 3 - 12 September 2018
74ALVCH16841DGG NEXPERIA-74ALVCH16841DGG Datasheet
215Kb / 12P
20-bit bus interface D-type latch; 3-state
Rev. 3 - 12 September 2018
logo
Texas Instruments
74ALVCH16841DGGRE4 TI1-74ALVCH16841DGGRE4 Datasheet
348Kb / 15P
20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
74ALVCH16841DGGRG4 TI1-74ALVCH16841DGGRG4 Datasheet
348Kb / 15P
20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
74ALVCH16841DGGRG4.B TI2-74ALVCH16841DGGRG4.B Datasheet
589Kb / 19P
20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 2004
More results


Similar Description - 74ALVCH16841

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
20-bit bus interface latch 3-State
1998 Feb 27
74ALVCH16843 PHILIPS-74ALVCH16843 Datasheet
84Kb / 12P
18-bit bus-interface D-type latch 3-State
1998 Aug 04
logo
Texas Instruments
SN74ALS843 TI-SN74ALS843 Datasheet
90Kb / 6P
9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH162841 TI-SN74ALVCH162841 Datasheet
137Kb / 10P
20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16841 TI-SN74ALVCH16841 Datasheet
132Kb / 10P
20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16843 PHILIPS-74ALVCH16843_15 Datasheet
88Kb / 12P
18-bit bus-interface D-type latch (3-State)
1998 Aug 04
logo
Texas Instruments
SN74ALVCH16841 TI1-SN74ALVCH16841_08 Datasheet
348Kb / 15P
20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH162841 TI1-SN74ALVCH162841_09 Datasheet
347Kb / 15P
20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74ALVCH16841 NEXPERIA-74ALVCH16841 Datasheet
215Kb / 12P
20-bit bus interface D-type latch; 3-state
Rev. 3 - 12 September 2018
74ALVCH16843 NEXPERIA-74ALVCH16843 Datasheet
204Kb / 16P
18-bit bus-interface D-type latch; 3-State
Rev. 3 - 20 November 2017
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com