Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC00 Datasheet (PDF) - Microchip Technology

24LC00 Datasheet PDF - Microchip Technology
Part # 24LC00
Download  24LC00 Download
File Size   685.25 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 128-Bit I2C Bus Serial EEPROM

24LC00 Datasheet (PDF)

Go To PDF Page Download Datasheet
24LC00 Datasheet PDF - Microchip Technology

Part # 24LC00
Download  24LC00 Click to download

File Size   685.25 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 128-Bit I2C Bus Serial EEPROM

24LC00 Datasheet (HTML) - Microchip Technology


24LC00 Product details

Features
• Single Supply with Operation down to 1.8V for
24AA00 Devices, 2.5V for 24LC00 Devices
• Low-Power CMOS Technology:
- Read current 500 A, typical
- Standby current 100 nA, typical
• 2-Wire Serial Interface, I2C Compatible
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time 3 ms, Typical
• Self-Timed Erase/Write Cycle
• ESD Protection >4000V
• More than 1 Million Erase/Write Cycles
• Data Retention >200 Years
• Factory Programming Available
• Packages include 8-lead PDIP, SOIC, TSSOP,
DFN, TDFN and 5-lead SOT-23
• Pb-Free and RoHS Compliant
• Temperature Ranges Available:
- Industrial (I): -40C to +85C
- Automotive (E): -40C to +125C




Similar Part No. - 24LC00

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC00 MICROCHIP-24LC00 Datasheet
156Kb / 18P
128 Bit I2C Bus Serial EEPROM
2003
24LC00 MICROCHIP-24LC00 Datasheet
378Kb / 24P
128 Bit I2C Bus Serial EEPROM
2007
24LC00 MICROCHIP-24LC00 Datasheet
312Kb / 24P
128-Bit I2C Bus Serial EEPROM
12/08/06
24LC00-/OT MICROCHIP-24LC00-/OT Datasheet
204Kb / 22P
1K/2K Software Addressable I2C??Serial EEPROM
2004
24LC00-/P MICROCHIP-24LC00-/P Datasheet
204Kb / 22P
1K/2K Software Addressable I2C??Serial EEPROM
2004
More results


Similar Description - 24LC00

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA00 MICROCHIP-24AA00 Datasheet
156Kb / 18P
128 Bit I2C Bus Serial EEPROM
2003
logo
Catalyst Semiconductor
CAT24C00 CATALYST-CAT24C00 Datasheet
414Kb / 10P
128-bit Serial EEPROM
CAT24C00 CATALYST-CAT24C00_05 Datasheet
624Kb / 10P
128-Bit Serial EEPROM
logo
Microchip Technology
24AA00 MICROCHIP-24AA00_07 Datasheet
378Kb / 24P
128 Bit I2C Bus Serial EEPROM
2007
24LC00-I-SN MICROCHIP-24LC00-I-SN Datasheet
380Kb / 24P
128-Bit I2C??Bus Serial EEPROM
2007
logo
STMicroelectronics
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
128-Kbit serial I2C bus EEPROM
04-Apr-2013
logo
Microchip Technology
24LC00T-IOTG MICROCHIP-24LC00T-IOTG Datasheet
788Kb / 34P
128-Bit I2C??Bus Serial EEPROM
08/02/11
24LC00T MICROCHIP-24LC00T Datasheet
312Kb / 24P
128-Bit I2C Bus Serial EEPROM
12/08/06
24AA00 MICROCHIP-24AA00_11 Datasheet
788Kb / 34P
128-Bit I2C??Bus Serial EEPROM
08/02/11
logo
ON Semiconductor
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com